Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS512MUSD Datasheet(PDF) 9 Page - Transcend Information. Inc.

Part # TS512MUSD
Description  microSD Memory Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MUSD Datasheet(HTML) 9 Page - Transcend Information. Inc.

Back Button TS512MUSD Datasheet HTML 5Page - Transcend Information. Inc. TS512MUSD Datasheet HTML 6Page - Transcend Information. Inc. TS512MUSD Datasheet HTML 7Page - Transcend Information. Inc. TS512MUSD Datasheet HTML 8Page - Transcend Information. Inc. TS512MUSD Datasheet HTML 9Page - Transcend Information. Inc. TS512MUSD Datasheet HTML 10Page - Transcend Information. Inc. TS512MUSD Datasheet HTML 11Page - Transcend Information. Inc. TS512MUSD Datasheet HTML 12Page - Transcend Information. Inc. TS512MUSD Datasheet HTML 13Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
T
T
TS
S
S2
2
25
5
56
6
6M
M
M~
~
~2
2
2G
G
GU
U
US
S
SD
D
D
microSD Memory Card
Transcend Information Inc.
9
MDT
The manufacturing date composed of two hexadecimal digits, one is 8 bit representing the year(y)
and the other is four bits representing the month(m).
The “m” field [11:8] is the month code. 1 = January.
The “y” field [19:12] is the year code. 0 = 2000.
As an example, the binary value of the Date field for production date “April 2001” will be:
00000001 0100.
CRC
CRC7 checksum (7 bits).
3. CSD Register
The Card-Specific Data register provides information on how to access the card contents. The CSD defines the data
format, error correction type, maximum data access time, whether the DSR register can be used etc. The programmable
part of the register (entries marked by W or E, see below) can be changed by CMD27. The type of the entries in the table
below is coded as follows: R= readable, W(1) = writable once, W = multiple writable.


Similar Part No. - TS512MUSD

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS512MUSD80 TRANSCEND-TS512MUSD80 Datasheet
200Kb / 6P
   80x microSD Memory Card
More results

Similar Description - TS512MUSD

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
ST11-H JAE-ST11-H Datasheet
276Kb / 4P
   microSD Memory Card Connector
logo
Transcend Information. ...
TS256MUSD80 TRANSCEND-TS256MUSD80 Datasheet
200Kb / 6P
   80x microSD Memory Card
logo
Molex Electronics Ltd.
47219-0001 MOLEX-47219-0001 Datasheet
132Kb / 2P
   microSD Memory Card Connectors
logo
Panasonic Semiconductor
RP-SMKC PANASONIC-RP-SMKC Datasheet
156Kb / 2P
   microSD Memory Card, Industrial MLC Model
logo
Apacer Technology Inc.
MICROSD APACER-MICROSD Datasheet
894Kb / 3P
   Apacer industrial-grade MicroSD memory card
MICROSD-R1 APACER-MICROSD-R1 Datasheet
897Kb / 3P
   R1 microSD memory cards
logo
Molex Electronics Ltd.
5027740891 MOLEX11-5027740891 Datasheet
318Kb / 5P
   1.10mm (.043") Pitch microSD Memory Card Connector
logo
Panasonic Semiconductor
RP-SMSCXXDA1 PANASONIC-RP-SMSCXXDA1 Datasheet
311Kb / 2P
   microSD/SDHC Memory Card, Industrial SLC Model
RP-SMPEXXDA1 PANASONIC-RP-SMPEXXDA1 Datasheet
390Kb / 2P
   microSD/SDHC Memory Card, Consumer Plus pSLC Model
RP-SMPE04DA1 PANASONIC-RP-SMPE04DA1 Datasheet
355Kb / 2P
   microSD/SDHC Memory Card, Consumer Plus "SLC Lite" Model
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com