Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2GUSD Datasheet(PDF) 11 Page - Transcend Information. Inc.

Part # TS2GUSD
Description  microSD Memory Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GUSD Datasheet(HTML) 11 Page - Transcend Information. Inc.

Back Button TS2GUSD Datasheet HTML 7Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 8Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 9Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 10Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 11Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 12Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 13Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 14Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
T
T
TS
S
S2
2
25
5
56
6
6M
M
M~
~
~2
2
2G
G
GU
U
US
S
SD
D
D
microSD Memory Card
Transcend Information Inc.
11
NSAC
Defines the worst case for the clock dependent factor of the data access time. The unit for NSAC is100 clock cycles.
Therefore, the maximal value for the clock dependent part of the data access time is 25.5k clock cycles.
The total access time NAC as expressed in the Table 34 is the sum of TAAC and NSAC. It has to be computed by the
host for the actual clock rate. The read access time should be interpreted as a typical delay for the first data bit of a data
block or stream.
TRAN_SPEED
The following table defines the maximum data transfer rate per one data line - TRAN_SPEED:
Note that for current SD Memory Cards that field must be always 0_0110_010b (032h) which is equal to 25MHz - the
mandatory maximum operating frequency of SD Memory Card.
In High-Speed mode, that field must be always 0_1011_010b (05Ah) which is equal to 50MHz. And when the timing
mode returns to the default by CMD6 or CMD0 command, its value will be 032h.
CCC
The SD Memory Card command set is divided into subsets (command classes). The card command class register CCC
defines which command classes are supported by this card. A value of ‘1’ in a CCC bit means that the corresponding


Similar Part No. - TS2GUSD

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GUSD-P3 TRANSCEND-TS2GUSD-P3 Datasheet
1Mb / 27P
   2GB microSD Card Reader P3
More results

Similar Description - TS2GUSD

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
ST11-H JAE-ST11-H Datasheet
276Kb / 4P
   microSD Memory Card Connector
logo
Transcend Information. ...
TS256MUSD80 TRANSCEND-TS256MUSD80 Datasheet
200Kb / 6P
   80x microSD Memory Card
logo
Molex Electronics Ltd.
47219-0001 MOLEX-47219-0001 Datasheet
132Kb / 2P
   microSD Memory Card Connectors
logo
Panasonic Semiconductor
RP-SMKC PANASONIC-RP-SMKC Datasheet
156Kb / 2P
   microSD Memory Card, Industrial MLC Model
logo
Apacer Technology Inc.
MICROSD APACER-MICROSD Datasheet
894Kb / 3P
   Apacer industrial-grade MicroSD memory card
MICROSD-R1 APACER-MICROSD-R1 Datasheet
897Kb / 3P
   R1 microSD memory cards
logo
Molex Electronics Ltd.
5027740891 MOLEX11-5027740891 Datasheet
318Kb / 5P
   1.10mm (.043") Pitch microSD Memory Card Connector
logo
Panasonic Semiconductor
RP-SMSCXXDA1 PANASONIC-RP-SMSCXXDA1 Datasheet
311Kb / 2P
   microSD/SDHC Memory Card, Industrial SLC Model
RP-SMPEXXDA1 PANASONIC-RP-SMPEXXDA1 Datasheet
390Kb / 2P
   microSD/SDHC Memory Card, Consumer Plus pSLC Model
RP-SMPE04DA1 PANASONIC-RP-SMPE04DA1 Datasheet
355Kb / 2P
   microSD/SDHC Memory Card, Consumer Plus "SLC Lite" Model
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com