Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS32MDOM40V Datasheet(PDF) 4 Page - Transcend Information. Inc.

Part # TS32MDOM40V
Description  40-Piin IDE Fllassh Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32MDOM40V Datasheet(HTML) 4 Page - Transcend Information. Inc.

  TS32MDOM40V Datasheet HTML 1Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 2Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 3Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 4Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 5Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 6Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 7Page - Transcend Information. Inc. TS32MDOM40V Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
3
3
32
2
2M
M
MB
B
B ~
~
~ 6
6
64
4
4M
M
MB
B
B
Transcend Information Inc.
Ver 1.1
4
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VDD
Power supply
-0.3 to +6.7
V
VIN
Input voltage
-0.3 to VDD + 0.3
V
VOUT
Output voltage
-0.3 to VDD + 0.3
V
TSTG
Storage temperature
-40 to 125
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VDD
Power supply
3.0
5.5
V
VIN
Input voltage
0
VDD
V
TOPR
Operating temperature
0
85
DC Characteristics (Ta=0 ℃ to +70 ℃, Vcc = 3.3V ±10%)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VIH
--
0.7x Vcc
--
Vcc + 0.3
V
Input Voltage
VIL
--
-0.3
--
0.2 x Vcc
V
VOH
IOL = -3mA
Vcc – 0.4
--
--
V
Output Voltage
IOL = 3mA
VOL
IOL = 3mA
--
--
0.4
V
Input leakage current
ILK
VIH = VDD / VIL = GND
-1
--
1
uA
Sleep current
ISP
Control signal = Vcc – 0.2
--
80
--
uA
ISR (DC)
--
20
--
mA
Sector read current
ISR (Peak)
Control signal = Vcc – 0.2
--
40
--
mA
ISW (DC)
--
25
--
mA
Sector write current
ISW (Peak)
Control signal = Vcc – 0.2
--
50
--
mA


Similar Part No. - TS32MDOM40V

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
More results

Similar Description - TS32MDOM40V

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
   40-Pin IDE Flash Module (Horizontal)
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
logo
Advantech Co., Ltd.
PCM-233B ADVANTECH-PCM-233B_12 Datasheet
1Mb / 1P
   SATA to IDE (44-pin) Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com