Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS64MDOM44V Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS64MDOM44V
Description  44-Pin IDE Flash Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS64MDOM44V Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS64MDOM44V Datasheet HTML 1Page - Transcend Information. Inc. TS64MDOM44V Datasheet HTML 2Page - Transcend Information. Inc. TS64MDOM44V Datasheet HTML 3Page - Transcend Information. Inc. TS64MDOM44V Datasheet HTML 4Page - Transcend Information. Inc. TS64MDOM44V Datasheet HTML 5Page - Transcend Information. Inc. TS64MDOM44V Datasheet HTML 6Page - Transcend Information. Inc. TS64MDOM44V Datasheet HTML 7Page - Transcend Information. Inc. TS64MDOM44V Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
44
4
4---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
3
3
32
2
2M
M
MB
B
B ~
~
~ 6
6
64
4
4M
M
MB
B
B
Transcend Information Inc.
Ver 1.1
1
Description
With an IDE interface and strong data retention ability,
44-Pin IDE Flash Modules are ideal for use in the
harsh environments where Industrial PCs, Set-Top
Boxes, etc. are used.
Placement
Features
• RoHS compliant products
• Storage Capacity: 32MB ~ 64MB
• Operating Voltage: 3.3V or 5V
• Operating Temperature: 0°C ~ 70°C
• Endurance: 1,000,000 Program/Erase cycles
• MTBF: 1,000,000 hours
• Durability of Connector: 10,000 times
• Fully compatible with devices and OS that support the IDE
standard (pitch = 2.00 mm)
• Built-in ECC function assures high reliability of data transfer
• Auto Sleep and Power-Down modes supported
• Supports up to PIO mode 2
Dimensions
Side
Millimeters
Inches
A
52.00
± 0.40
2.047
± 0.016
B
29.50
± 0.50
1.162
± 0.020
C
7.20
± 0.20
0.284
± 0.008


Similar Part No. - TS64MDOM44V

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS64MDOM44H TRANSCEND-TS64MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
More results

Similar Description - TS64MDOM44V

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
logo
Advantech Co., Ltd.
PCM-233B ADVANTECH-PCM-233B_12 Datasheet
1Mb / 1P
   SATA to IDE (44-pin) Converter Module
logo
Transcend Information. ...
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
logo
Advantech Co., Ltd.
PCM-233C ADVANTECH-PCM-233C_12 Datasheet
1Mb / 1P
   IDE (44-pin) to SATA Converter Module
logo
Transcend Information. ...
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
   40-Pin IDE Flash Module (Horizontal)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com