Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4GSSD10-M Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # TS4GSSD10-M
Description  1.0??Solid State Disk
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSSD10-M Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS4GSSD10-M Datasheet HTML 1Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 2Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 3Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 4Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 5Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 6Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 7Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 8Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
T
T
TS
S
S2
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M ~
~
~ T
T
TS
S
S3
3
32
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M
1.0” Solid State Disk
Transcend Information Inc.
V1.6
2
Specificatio
Specificatio
Specificatio
Specifications
ns
ns
ns
* Note: Reference to the IEC 60068-2-1 and IEC 60068-2-56 Testing procedures; 48-hours chamber test on ASUS
M2N-MX, 1GB RAM, Windows
® XP Version 2002 SP2.
* Note: Base on TS16GSSD10-M
Physical Specification
Form Factor
1-inch HDD
Storage Capacities
2 GB to 32 GB
Length
30.0 0 ± 0.20
Width
40.00 ± 0.30
Dimensions (mm)
Height
3.80 ± 0.50
Weight
6 g
Connector
0.3 mm pitch 35-Pin Zero Insertion Force (ZIF) connector (P-ATA)
Environmental Specifications
Operating Temperature
0
to 70
Storage Temperature
- 40
to 85
Humidity
Operating Humidity (Non condensation)
5% to 95%
Storage Humidity (Non condensation)
5% to 95%
Power Requirements
Input Voltage
DC 3.3V ± 5%
Mode
TYP (mA)
MAX (mA)
Write
84.5
93.4
Read
55.1
68.4
Power Consumption
(DC 3.3V @25
)
Standby
0.4
1.3


Similar Part No. - TS4GSSD10-M

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
   4~16GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS4GSDHC2 TRANSCEND-TS4GSDHC2 Datasheet
635Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6-P2 TRANSCEND-TS4GSDHC6-P2 Datasheet
804Kb / 27P
   SDHC Memory Card Reader P2
More results

Similar Description - TS4GSSD10-M

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PT120-M280 APACER-PT120-M280 Datasheet
1Mb / 5P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com