Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLP1000AA200 Datasheet(PDF) 2 Page - Dubilier

Part # CLP1000AA200
Description  ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

CLP1000AA200 Datasheet(HTML) 2 Page - Dubilier

  CLP1000AA200 Datasheet HTML 1Page - Dubilier CLP1000AA200 Datasheet HTML 2Page - Dubilier CLP1000AA200 Datasheet HTML 3Page - Dubilier CLP1000AA200 Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758

CAPACITORS
ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
OUTLINE DRAWING
Vinyl Sleeve
L ±2
6 ±1
D ±1
Mounting Holes
on Chassis
Negative
Safety Vent
Terminals
0.9 +0.2/-0.1
0.8 ±0.1
1.5 ±0.1
3.5
6.0 ±1
D ±1
AMBIENT TEMP./MULTIPLYING FACTOR
FREQUENCY/MULTIPLYING FACTOR
Temperature coefficient
Temperature ( C )
45
60
70
85
Factor
1.48
1.42
1.30
1.00
Frequency coefficient
Frequency (Hz)
50
60
120
1K
10K-00K
.-100V
0.88
0.90
1.00
1.15
1.16
10-50V
0.75
0.78
1.00
1.16
1.23
50-50V
0.74
0.76
1.00
1.10
1.15


Similar Part No. - CLP1000AA200

ManufacturerPart #DatasheetDescription
logo
Dubilier
CLP1000AA200 DUBILIER-CLP1000AA200 Datasheet
296Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
More results

Similar Description - CLP1000AA200

ManufacturerPart #DatasheetDescription
logo
Dubilier
CLP1000CF200 DUBILIER-CLP1000CF200_11 Datasheet
296Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
DPG DUBILIER-DPG Datasheet
302Kb / 4P
   ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN
DPG47AC400 DUBILIER-DPG47AC400 Datasheet
171Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
DPG47AC400 DUBILIER-DPG47AC400_11 Datasheet
302Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
CEBM DUBILIER-CEBM Datasheet
268Kb / 3P
   ALUMINIUM ELECTROLYTIC STANDARD RADIAL
CEBM10016TA DUBILIER-CEBM10016TA Datasheet
229Kb / 3P
   ALUMINIUM ELECTROLYTIC STANDARD RADIAL CEBM
DJ3 DUBILIER-DJ3 Datasheet
285Kb / 3P
   ALUMINIUM ELECTROLYTIC HIGH TEMP
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
Dubilier
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com