Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS256MSDOM7H Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # TS256MSDOM7H
Description  7P Horizontal Type SATA Flash Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS256MSDOM7H Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS256MSDOM7H Datasheet HTML 1Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 2Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 3Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 4Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 5Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 6Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 7Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 8Page - Transcend Information. Inc. TS256MSDOM7H Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~8
8
8G
G
GS
S
SD
D
DO
O
OM
M
M7
7
7H
H
H
7P Horizontal Type
SATA Flash Modules
Transcend Information Inc.
V0.1
2
Specifications
Specifications
Specifications
Specifications
Physical Specification
Form Factor
SATA Flash Module Horizontal Type
Storage Capacities
128M~8GB
Length
40.0 ± 0.3
Width
30.0 ± 0.2 (Not including Write-Protect Switch and SATA connector)
Dimensions (mm)
Height
24.3 ± 0.5 (refer to mechanical drawing)
Input Voltage
5V ± 10% / 3.3V ± 5%
Weight
8 g
Connector
Signal: SATA 7 pins female connector with latch
Power: 2P 1.5mm pitch wafer connector
Environmental Specifications
Operating Temperature
0
to 70
Storage Temperature
- 40
to 85
Power Consumption
Crystal Disk Mark 1.0.6 / 50MB
Read
212.2 mA(peak)
Write
207.3 mA(peak)
4GB SATA Flash Modules
Power Consumption
(DC 5V @25
)
Standby
111.8 mA


Similar Part No. - TS256MSDOM7H

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS256MSDOM22V TRANSCEND-TS256MSDOM22V Datasheet
221Kb / 11P
   22P Vertical Type SATA Flash Modules
More results

Similar Description - TS256MSDOM7H

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GSDO22H TRANSCEND-TS4GSDO22H Datasheet
1Mb / 11P
   22P Horizontal Type SATA Flash Modules
TS128MSDOM22V TRANSCEND-TS128MSDOM22V Datasheet
221Kb / 11P
   22P Vertical Type SATA Flash Modules
logo
List of Unclassifed Man...
APSDM001GA5AN-PTW ETC2-APSDM001GA5AN-PTW Datasheet
363Kb / 22P
   SATA-Disk Module 4 SDM4 7P/180D Low Profile Specifications
logo
Axiomtek Co., Ltd.
FSA300 AXIOMTEK-FSA300 Datasheet
126Kb / 1P
   Flash SATA Disk /mSATA SATA 3 SLC,MLC
logo
JMicron Technology Corp...
JMF602 JMICRON-JMF602 Datasheet
96Kb / 3P
   SATA II to Flash Controller
JMF608 JMICRON-JMF608 Datasheet
71Kb / 4P
   SATA III NAND Flash Controller
logo
Axiomtek Co., Ltd.
FSA301 AXIOMTEK-FSA301 Datasheet
163Kb / 1P
   Flash SATA Disk/mSATA Mini SATA 3 SLC, MLC
logo
Apacer Technology Inc.
SDM5-7P90D-LP APACER-SDM5-7P90D-LP Datasheet
1Mb / 4P
   Apacer SDM5 7P/90D LP(H)(SATA Disk Module 7-pin/90 Degree /with housing)
logo
Axiomtek Co., Ltd.
FSA AXIOMTEK-FSA_17 Datasheet
114Kb / 1P
   Flash SATA Disk /SATAIII SLC, MLC
logo
PHOENIX CONTACT
2950064 PHOENIX-2950064 Datasheet
122Kb / 4P
   EMG 22-DIO 7P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com