Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1075CT Datasheet(PDF) 1 Page - UNISEM

Part # US1075CT
Description  7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1075CT Datasheet(HTML) 1 Page - UNISEM

  US1075CT Datasheet HTML 1Page - UNISEM US1075CT Datasheet HTML 2Page - UNISEM US1075CT Datasheet HTML 3Page - UNISEM US1075CT Datasheet HTML 4Page - UNISEM US1075CT Datasheet HTML 5Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
US1075
2-33
Rev. 1.0
9/14/99
TYPICAL APPLICATION
TYPICAL APPLICATION
DESCRIPTION
DESCRIPTION
The US1075 product is a low dropout three terminal ad-
justable regulator with minimum of 7.5A output current
capability. This product is specifically designed to pro-
vide well regulated supply for low voltage IC applications
such as Pentium
P54C,P55Cas well as GTL+
termination for Pentium Pro
and Klamathpro-
cessor applications . The US1075 is also well suited for
other processors such as Cyrix
,AMD and Power
PC
applications. The US 1075 is guaranteed to have
<1.2V drop out at full load current making it ideal to
provide well regulated outputs such as 3.3V with input
supply voltage as low as 4.5V minimum.
FEATURES
FEATURES
1V Dropout at Full Load Current
Fast Transient Response
1% Voltage Reference Initial Accuracy
Output Current Limiting
Built-in Thermal Shutdown
APPLICATIONS
APPLICATIONS
Low Voltage Processor Applications such as :
P54C
,P55C,Cyrix M2,
POWER PC
,AMD
GTL+ Termination
PENTIUM PRO
, KLAMATH
Low Voltage Memory Termination Applications
Standard 3.3V Chip-Set and Logic Applications
Notes: Pentium P54C,P55C ,Klamath,Pentium Pro,VRE,are trade marks of Intel Corp.Cyrix M2 is trade mark of Cyrix Corp.
Power PC is trade mark of IBM Corp.
Typical Application of US1075 in a 5V to 3.3V regulator
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
Tj (°C)
3 PIN PLASTIC
3 PIN PLASTIC
3 PIN PLASTIC
TO220 (T)
TO263 (M)
POWER FLEX (P)
0 TO 150
US1075CT
US1075CM
US1075CP
7.5A LOW DROPOUT POSITIVE
ADJUSTABLE REGULATOR
5V
3.3V
R1
121
R2
200
C1
1500uF
C2
2x 1500uF
US1075
1075app1-1.0
1
2
3
Adj
Vin
Vout


Similar Part No. - US1075CT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US107 UTC-US107 Datasheet
186Kb / 8P
   POWER DISTRIBUTION SWITCH
US107AHG-AF5-R UTC-US107AHG-AF5-R Datasheet
186Kb / 8P
   POWER DISTRIBUTION SWITCH
US107AHL-AF5-R UTC-US107AHL-AF5-R Datasheet
186Kb / 8P
   POWER DISTRIBUTION SWITCH
US107ALG-AF5-R UTC-US107ALG-AF5-R Datasheet
186Kb / 8P
   POWER DISTRIBUTION SWITCH
US107ALL-AF5-R UTC-US107ALL-AF5-R Datasheet
186Kb / 8P
   POWER DISTRIBUTION SWITCH
More results

Similar Description - US1075CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1175 UNISEM-US1175 Datasheet
35Kb / 5P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
   7.5A Very Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083_05 Datasheet
264Kb / 5P
   7.5A Low Dropout Positive Voltage Regulator
logo
International Rectifier
IRU1176 IRF-IRU1176 Datasheet
46Kb / 6P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com