Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBC12.510H Datasheet(PDF) 1 Page - Dubilier

Part # DBC12.510H
Description  LOW PROFILE POLARISED 2.5mm PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBC12.510H Datasheet(HTML) 1 Page - Dubilier

  DBC12.510H Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
221
BOARD TO WIRE CONNECTORS
LOW PROFILE POLARISED 2.5mm PITCH
SPECIFICATION
ORDERING INFORMATION
2 - 16 ways
Accepts wire of 30 - 22 AWG
Housing, Wafer and Terminal Available
Current rating 3A AC, DC
Voltage rating 250VAC, DC
OUTLINE DRAWING
General
Withstand Voltage:
800vAC/min
Insulation Resistance:
1000mΩmin
Temperature Range:
-25˚Cto+85˚C
Wafer
Material:
Post:
Brass,Tin/Plated
Base:
Nylon66,UL94V-0
Housing
Material:
Nylon66,UL94V-0
Terminal
Wire Acceptance:
22-30AWG
Material:
Phos.Bronze
Finish:
Tin/plated40µ”min
Thickness:
0.2mm
DBC
1
2.5
2
T
Dubilier
Connectors
Series
Pitch
2.5=2.5mm
pitch
NºofWays
2=2ways
10=10ways
etc
Style
T=TopEntry
S=SideEntry90˚
H=Housing
DBC
1
2.5
PIN
Dubilier
Connectors
Series
Pitch
2.5=2.5mm
pitch
Pin
Dim
mm
A
(Nowaysx2.5)-2.5
B
(Nowaysx2.5)+2
C
(Nowaysx2.5)+2.5
DBC12.5xT
DBC12.5xH
DBC12.5PIN
DBC12.5xS
A
B
2.25
3.2


Similar Part No. - DBC12.510H

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBC12.5410H DUBILIER-DBC12.5410H Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.5410S DUBILIER-DBC12.5410S Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.5410T DUBILIER-DBC12.5410T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542H DUBILIER-DBC12.542H Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542S DUBILIER-DBC12.542S Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
More results

Similar Description - DBC12.510H

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW5BTZ101TQ2 MURATA1-DLW5BTZ101TQ2_V01 Datasheet
373Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTH101TQ2 MURATA1-DLW5BTH101TQ2 Datasheet
423Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTH102TQ2 MURATA1-DLW5BTH102TQ2 Datasheet
424Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
logo
AVX Corporation
9155-100 AVX-9155-100 Datasheet
1Mb / 6P
   Ultra-Low Profile 2.5mm Pitch Battery
logo
Murata Manufacturing Co...
DLW5BTH251TQ2 MURATA1-DLW5BTH251TQ2 Datasheet
423Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM501TQ2 MURATA1-DLW5BTM501TQ2_V01 Datasheet
427Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTZ142TQ2 MURATA1-DLW5BTZ142TQ2_V01 Datasheet
375Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTZ251TQ2 MURATA1-DLW5BTZ251TQ2_V01 Datasheet
373Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTZ102TQ2 MURATA1-DLW5BTZ102TQ2_V01 Datasheet
375Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
logo
AVX Corporation
009155002100006 AVX-009155002100006 Datasheet
1Mb / 6P
   Ultra-Low Profile 2.5mm Pitch Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com