Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C503B-GAN Datasheet(PDF) 3 Page - Cree, Inc

Part # C503B-GAN
Description  5-mm Blue and Green Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503B-GAN Datasheet(HTML) 3 Page - Cree, Inc

  C503B-GAN Datasheet HTML 1Page - Cree, Inc C503B-GAN Datasheet HTML 2Page - Cree, Inc C503B-GAN Datasheet HTML 3Page - Cree, Inc C503B-GAN Datasheet HTML 4Page - Cree, Inc C503B-GAN Datasheet HTML 5Page - Cree, Inc C503B-GAN Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CLD-CT1094.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 20 mA)
C503B-BAS/BAN (15 degree)
Bin Code
Min.(mcd)
Max.(mcd)
Y0
5860
8200
Z0
8200
12000
A0
12000
16800
B0
16800
23500
C0
23500
32900
Color Bin Limit (I
F = 20 mA)
Blue
Bin Code
Min.(nm)
Max.(nm)
B4
465
470
B5
470
475
B6
475
480
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G8
525
530
G9
530
535
Tolerance of measurement of luminous intensity is ±15%.
Tolerance of measurement of dominant wavelength is ±1 nm.
C503B-GAS/GAN (15 degree)
Bin Code
Min.(mcd)
Max.(mcd)
B0
16800
23500
C0
23500
32900
D0
32900
46100
E0
46100
64600
F0
64600
90500
Blue
Green
C503B-BCS/BCN (30 degree)
Bin Code
Min.(mcd)
Max.(mcd)
V0
2130
3000
W0
3000
4180
X0
4180
5860
Y0
5860
8200
Z0
8200
12000
C503B-GCS/GCN (30 degree)
Bin Code
Min.(mcd)
Max.(mcd)
Y0
5860
8200
Z0
8200
12000
A0
12000
16800
B0
16800
23500
C0
23500
32900


Similar Part No. - C503B-GAN

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503B-GAN-CB0C0781 MARKTECH-C503B-GAN-CB0C0781 Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
C503B-GAN-CB0C0782 MARKTECH-C503B-GAN-CB0C0782 Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
C503B-GAN-CB0C0891 MARKTECH-C503B-GAN-CB0C0891 Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
C503B-GAN-CB0C0892 MARKTECH-C503B-GAN-CB0C0892 Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
C503B-GAN-CB0F0791 MARKTECH-C503B-GAN-CB0F0791 Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
More results

Similar Description - C503B-GAN

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-BAS MARKTECH-C503B-BAS_15 Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
logo
Cree, Inc
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
   Cree짰 5-mm Blue and Green Round LED
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com