Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C535A-WJN Datasheet(PDF) 4 Page - Cree, Inc

Part # C535A-WJN
Description  5mm Round LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C535A-WJN Datasheet(HTML) 4 Page - Cree, Inc

  C535A-WJN Datasheet HTML 1Page - Cree, Inc C535A-WJN Datasheet HTML 2Page - Cree, Inc C535A-WJN Datasheet HTML 3Page - Cree, Inc C535A-WJN Datasheet HTML 4Page - Cree, Inc C535A-WJN Datasheet HTML 5Page - Cree, Inc C535A-WJN Datasheet HTML 6Page - Cree, Inc C535A-WJN Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
CLD-CT877.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
CIE Chromaticity Diagram
Wa W
b
Wd
Wc
We
Wf
Wg
Wh
Wj
Wk
Wm
Wn
Wp
Wq
Ws
Wr
0 .2 300
0 .2 700
0 .3 100
0 .3 500
0 .39 00
0.190 0
0.230 0
0.270 0
0.310 0
0.350 0
0.39 00
x
Ww
Wv
Wu
Wt


Similar Part No. - C535A-WJN

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C535A-WJN MARKTECH-C535A-WJN Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C535A-WJN-877 CREE-C535A-WJN-877 Datasheet
849Kb / 13P
   5mm Round LED
logo
Marktech Corporate
C535A-WJN-CS0V0151 MARKTECH-C535A-WJN-CS0V0151 Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
C535A-WJN-CS0V0231 MARKTECH-C535A-WJN-CS0V0231 Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
More results

Similar Description - C535A-WJN

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C512A MARKTECH-C512A Datasheet
979Kb / 10P
   5mm Round LED
logo
Cree, Inc
C535A-WJN-877 CREE-C535A-WJN-877 Datasheet
849Kb / 13P
   5mm Round LED
logo
Marktech Corporate
C503B_WAN MARKTECH-C503B_WAN Datasheet
1Mb / 10P
   5mm Round LED
C503B_WAN MARKTECH-C503B_WAN_15 Datasheet
1Mb / 10P
   5mm Round LED
C535A MARKTECH-C535A_15 Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C503D-WAN CREE-C503D-WAN Datasheet
701Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C535A MARKTECH-C535A Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C512T-WNS CREE-C512T-WNS_11 Datasheet
928Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C512A MARKTECH-C512A_15 Datasheet
979Kb / 10P
   5mm Round LED
logo
List of Unclassifed Man...
QBL8IW35D ETC1-QBL8IW35D Datasheet
570Kb / 8P
   5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com