Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCB28D10BGABB1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCB28D10BGABB1
Description  FEMALE HEADER FEMALE HEADER SMT/THROUGH HOLE 1.27 PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCB28D10BGABB1 Datasheet(HTML) 1 Page - Dubilier

  DBCB28D10BGABB1 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
212
FEMALE HEADER
FEMALE HEADER SMT/THROUGH HOLE 1.27 PITCH
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Material & Finish
Insulator:
LCP, glass reinforced, rated UL 94V-0
Contact:
Phosphor Bronze
Electrical Characteristics
Rating Current:
0.5 Amp DC
Contact Resistance:
30 mΩ
Insulation Resistance:
1000 MΩ min.
Dielectric Voltage:
250v AC for 1 minute
Operating Temperature: -40°C to +105°C
* Mating suggestion: C11, C12 series.
DBC
Dubilier
Connectors
B28
Series
D
No.ofRows
D=DualRow
10
No.ofContacts
05-50
B
ContactMaterial
B=Phosphor
Bronze
MountingType
A=Throughhole
B=SMT
A
G
ContactPlating
G=Gold
B
Height
B=4.3mm
B
Peg
B=Without
Colour
1=Black
1
Industry compatible
Competitively priced
Dual Row
No of contacts 10-100
Gold plating contacts
1.27mm pitch
3.0
1.27
1.27
0.46+1.27 POSTITION NO.
1.27 (POSTITION NO.-1)
0.46+1.27 POSTITION NO.
1.27 (POSTITION NO.-1)
X
1.27
2.4
X
Y
1.3
3.04+1.27(POSITION NO.-1)
4.5
3.0
1.27
1.27
Type
X
Y
A
3.4
3.6
B
4.3
4.5


Similar Part No. - DBCB28D10BGABB1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBC10 SANYO-DBC10 Datasheet
37Kb / 2P
   1A Single-Phase Bridge Rectifier
logo
Dubilier
DBC12.010H DUBILIER-DBC12.010H Datasheet
206Kb / 1P
   POLARISED 2.0mm PITCH
DBC12.010S DUBILIER-DBC12.010S Datasheet
206Kb / 1P
   POLARISED 2.0mm PITCH
DBC12.010T DUBILIER-DBC12.010T Datasheet
206Kb / 1P
   POLARISED 2.0mm PITCH
DBC12.02H DUBILIER-DBC12.02H Datasheet
206Kb / 1P
   POLARISED 2.0mm PITCH
More results

Similar Description - DBCB28D10BGABB1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCB27CD20BS1 DUBILIER-DBCIDCB27CD20BS1 Datasheet
103Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 7.0MM
DBCIDCB27BD20BS1 DUBILIER-DBCIDCB27BD20BS1 Datasheet
101Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27D14BS1 DUBILIER-DBCIDCB27D14BS1 Datasheet
98Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 6.4MM
DBCIDCB27AS20BSA1 DUBILIER-DBCIDCB27AS20BSA1 Datasheet
100Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 5.0MM
logo
Adam Technologies, Inc.
HFH-XX-G-SMT-PP-NK-NP ADAM-TECH-HFH-XX-G-SMT-PP-NK-NP Datasheet
81Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-NP-BL ADAM-TECH-HFH-XX-SG-SMT-NP-BL Datasheet
91Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-T-SMT-P ADAM-TECH-HFH-XX-T-SMT-P Datasheet
118Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-TR ADAM-TECH-HFH-XX-SG-SMT-TR Datasheet
122Kb / 1P
   FEMALE HEADER SMT TYPE
logo
Samtec, Inc
TFM-105-02-S-D-P-TR SAMTEC-TFM-105-02-S-D-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-S-D-LC-P-TR SAMTEC-TFM-105-02-S-D-LC-P-TR Datasheet
1Mb / 2P
   SMT THROUGH-HOLE HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com