Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCA3320BT5 Datasheet(PDF) 1 Page - Dubilier

Part # DBCA3320BT5
Description  BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - CABLE SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCA3320BT5 Datasheet(HTML) 1 Page - Dubilier

  DBCA3320BT5 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
216
BOARD TO BOARD/WIRE
MINIATURE RIBBON CABLE SYSTEM - CABLE SOCKET
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Material & Finish
Insulator:
PTB, glass reinforced , rated UL 9V-0
Contact:
Phosphor Bronze
Electrical Characteristics
Rating Current:
1 Amp DC
Contact Resistance:
30 mΩ max.
Insulation Resistance:
3000 MΩ min.
Dielectric Voltage:
500v AC for 1 minute
Operating Temperature: -40°C to +105°C
*Terminated with 1.27mm pitch flat ribbon cable.
*Mating suggestion: A33b, A33c series
Compatible with other leading manufacturers
Competitively priced
Tin plated contacts
04-26 contacts
DBC
A33
10
B
T
Dubilier
Connectors
Series
No.ofContacts
04=04way
06=06way
08=08way
10=10way
12=12way
14=14way
16=16way
18=18way
20=20way
26=26way
ContactMaterial
B=Phosphor
Bronze
ContactPlating
T=TinPlating
Colour
5=White
5
A
B
7.0
1.27
2.54
6.3
Position
A
B
4
7.59
3.81
6
10.13
6.35
8
12.67
8.89
10
15.21
11.43
12
17.75
13.97
14
20.39
16.51
16
22.83
19.05
18
25.37
21.59
20
27.91
24.13
26
35.53
31.75


Similar Part No. - DBCA3320BT5

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCA33A04BTA5 DUBILIER-DBCA33A04BTA5 Datasheet
122Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - PCB WIRE MOUNT DIP PLUG
DBCA33A04BTB5 DUBILIER-DBCA33A04BTB5 Datasheet
122Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - PCB WIRE MOUNT DIP PLUG
DBCA33A06BTA5 DUBILIER-DBCA33A06BTA5 Datasheet
122Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - PCB WIRE MOUNT DIP PLUG
DBCA33A06BTB5 DUBILIER-DBCA33A06BTB5 Datasheet
122Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - PCB WIRE MOUNT DIP PLUG
DBCA33A08BTA5 DUBILIER-DBCA33A08BTA5 Datasheet
122Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - PCB WIRE MOUNT DIP PLUG
More results

Similar Description - DBCA3320BT5

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCA33B10BT1 DUBILIER-DBCA33B10BT1 Datasheet
113Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - PCB HEADER VERTICAL
DBCA33A10BTB5 DUBILIER-DBCA33A10BTB5 Datasheet
122Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - PCB WIRE MOUNT DIP PLUG
DBCA33C10BT1 DUBILIER-DBCA33C10BT1 Datasheet
109Kb / 1P
   BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - SMT PCB HEADER STRAIGHT1
logo
Molex Electronics Ltd.
0250021004 MOLEX4-0250021004 Datasheet
174Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable
0250020605 MOLEX4-0250020605 Datasheet
174Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
0250010305 MOLEX4-0250010305 Datasheet
168Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
0250021001 MOLEX4-0250021001 Datasheet
174Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
0260010706 MOLEX4-0260010706 Datasheet
175Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
0260010608 MOLEX4-0260010608 Datasheet
175Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
0260010502 MOLEX4-0260010502 Datasheet
175Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com