Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM1C-WKW Datasheet(PDF) 2 Page - Cree, Inc

Part # CLM1C-WKW
Description  PLCC2 White SMD LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM1C-WKW Datasheet(HTML) 2 Page - Cree, Inc

  CLM1C-WKW Datasheet HTML 1Page - Cree, Inc CLM1C-WKW Datasheet HTML 2Page - Cree, Inc CLM1C-WKW Datasheet HTML 3Page - Cree, Inc CLM1C-WKW Datasheet HTML 4Page - Cree, Inc CLM1C-WKW Datasheet HTML 5Page - Cree, Inc CLM1C-WKW Datasheet HTML 6Page - Cree, Inc CLM1C-WKW Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
CLD-CT879.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2008 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
25
mA
Peak Forward Current Note1
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
100
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient
R
THJA
450
°C/W
Junction/Solder Point
R
THJS
300
°C/W
Notes:
Pulse width ≤10 msec, duty cycle ≤10%.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 20 mA
V
3.2
4.0
Reverse Current
I
R
V
R = 5 V
μA
10
Luminous Intensity
I
V
I
F = 20 mA
mcd
710
1200
Chromaticity
Coordinates
x
I
F = 20 mA
0.3100
y
I
F = 20 mA
0.3200
50% Power Angle
2θ½
I
F = 20 mA
deg
120
1.


Similar Part No. - CLM1C-WKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM1C-WKW CREE-CLM1C-WKW Datasheet
600Kb / 9P
   White SMD LED
logo
Marktech Corporate
CLM1C-WKW MARKTECH-CLM1C-WKW Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
logo
Cree, Inc
CLM1C-WKW-CVaWb153 CREE-CLM1C-WKW-CVaWb153 Datasheet
600Kb / 9P
   White SMD LED
logo
Marktech Corporate
CLM1C-WKW-CVaWb153 MARKTECH-CLM1C-WKW-CVaWb153 Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
logo
Cree, Inc
CLM1C-WKW-CVbWb233 CREE-CLM1C-WKW-CVbWb233 Datasheet
600Kb / 9P
   White SMD LED
More results

Similar Description - CLM1C-WKW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1C MARKTECH-CLM1C_15 Datasheet
600Kb / 9P
   PLCC2 White SMD LED
CLM1C MARKTECH-CLM1C Datasheet
600Kb / 9P
   PLCC2 White SMD LED
CLM1C-WKW MARKTECH-CLM1C-WKW Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
logo
List of Unclassifed Man...
QBLP670-IW-WW ETC1-QBLP670-IW-WW Datasheet
596Kb / 11P
   PLCC2 White LED
logo
TT Electronics.
OVS9WBCR9 TTELEC-OVS9WBCR9 Datasheet
1Mb / 5P
   White PLCC2 Surface Mount LED
logo
Bivar, Inc.
SMS1105UWDN BIVAR-SMS1105UWDN Datasheet
1Mb / 5P
   PLCC2 SMD Side View Package LED SMS1105UWDW, NEUTRAL WHITE
Revision C 06/18
logo
List of Unclassifed Man...
SMP2-UWD ETC2-SMP2-UWD Datasheet
789Kb / 5P
   PLCC2 SMD Top View Package LED SMP2-UWD, WHITE
logo
OPTEK Technologies
OVS9WBCR4 OPTEK-OVS9WBCR4 Datasheet
520Kb / 6P
   White PLCC2 Surface Mount LED
logo
TT Electronics.
OVS9WBCR4 TTELEC-OVS9WBCR4 Datasheet
528Kb / 6P
   White PLCC2 Surface Mount LED
logo
Bivar, Inc.
SMS1105UWDW BIVAR-SMS1105UWDW Datasheet
1Mb / 5P
   PLCC2 SMD Side View Package LED SMS1105UWDW, WARM WHITE
Revision C 06/18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com