Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM1S-WKW-CTbVb153 Datasheet(PDF) 5 Page - Cree, Inc

Part # CLM1S-WKW-CTbVb153
Description  PLCC2 1-in-1 SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM1S-WKW-CTbVb153 Datasheet(HTML) 5 Page - Cree, Inc

  CLM1S-WKW-CTbVb153 Datasheet HTML 1Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 2Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 3Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 4Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 5Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 6Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 7Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 8Page - Cree, Inc CLM1S-WKW-CTbVb153 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
CLD-CT1126.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Color Bin Code
Min.
Max.
Cool white
CLM1S-WKW-CTbVb153
120
355
1120
W1,W2,W3,W4,W5
Notes:
• The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-bin
codes will not be orderable.
• Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
• Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - CLM1S-WKW-CTbVb153

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1S-WKW-CTbVb153 MARKTECH-CLM1S-WKW-CTbVb153 Datasheet
527Kb / 9P
   Cree짰 PLCC2 1-in-1 SMD LED
More results

Similar Description - CLM1S-WKW-CTbVb153

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
CLM3C-WKW CREE-CLM3C-WKW Datasheet
785Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM3A MARKTECH-CLM3A_15 Datasheet
376Kb / 10P
   PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1B-BKW CREE-CLM1B-BKW Datasheet
261Kb / 6P
   PLCC2 1-in-1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW_15 Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
CLM3C MARKTECH-CLM3C_15 Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com