Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCDGMMSR25GC Datasheet(PDF) 1 Page - Dubilier

Part # DBCDGMMSR25GC
Description  D TYPE CONNECTORS LOW COST DUAL PORT RIGHT ANGLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCDGMMSR25GC Datasheet(HTML) 1 Page - Dubilier

  DBCDGMMSR25GC Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
262
POSITION
A
B
C
9 F
16.30
25.00 30.8
15 F
24.60
33.30 39.2
25 F
38.30
47.10 53.1
37 F
54.80
63.50 69.4
Variations of numbered contacts per port
Stamped & Formed Contacts
Gold Plated Contacts
Tin Plated Metal Housing
Low cost
D TYPE CONNECTORS LOW COST
DUAL PORT RIGHT ANGLE
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Mechanical:
Insulator:
PBT+30%GlassFibre
UL94V-0
Pin contacts:
PhosphorBronze
GoldPlated
Shell:
Steel,SPCC
NickelandTinPlated
Electrical Data:
Rated Voltage:
350VAC
Rated Current:
5A
With stand Voltage:
500VAC(rms)
Insulation Resistance:
Over1000MΩ
Contact Resistance:
5MΩat1A
Temperature:
-20˚Cto100˚C
POSITION
A
B
C
9 M
16.92
25.00 30.8
15 M
25.25
33.30 39.2
25 M
38.96
47.10 53.1
37 M
55.42
63.50 69.4
A
15.88
19.05
C
22.86
DIMENSION OF “X”(PORT SPACING)
DBC
MM
SR
DG
15
G
Series
DG=DualPort
Dubilier
Connectors
ContactType
MM=Male&Male
MF=Male&Female
FM=Female&Male
FF=Female&Female
ContactStyle
SR=SolderRight
AngledPCB
NoofWays
02=25/09
03=09/25
04=15/25
09=09/09
15=15/15
25=25/25
37=37/37
Othercombinations
available
ContactPlating
G=GoldFlash
Options
PortSpacing
Blank=19.05mm
A=15.875mm
C=22.86mm


Similar Part No. - DBCDGMMSR25GC

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDGMMSR25GC DUBILIER-DBCDGMMSR25GC Datasheet
296Kb / 1P
   D TYPE CONNECTORS LOW COST DUAL PORT RIGHT ANGLE
More results

Similar Description - DBCDGMMSR25GC

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCDGMMSR15G DUBILIER-DBCDGMMSR15G_11 Datasheet
296Kb / 1P
   D TYPE CONNECTORS LOW COST DUAL PORT RIGHT ANGLE
DBCHDFSR26G DUBILIER-DBCHDFSR26G Datasheet
208Kb / 1P
   D TYPE CONNECTORS LOW COST HIGH DENSITY PCB RIGHT ANGLE
DBCCDM09 DUBILIER-DBCCDM09 Datasheet
126Kb / 1P
   D TYPE CONNECTORS LOW COST
DBCSDMSR209GXX DUBILIER-DBCSDMSR209GXX Datasheet
125Kb / 1P
   D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - EUROPEAN FOOTPRINT
DBCIDCDM09SA1P DUBILIER-DBCIDCDM09SA1P Datasheet
127Kb / 1P
   D TYPE CONNECTORS LOW COST D CONNECTORS - IDC
DBCSDMSB09S DUBILIER-DBCSDMSB09S Datasheet
128Kb / 1P
   D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
DBCSDMSR109GXX DUBILIER-DBCSDMSR109GXX Datasheet
116Kb / 1P
   D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - US SHORT FOOTPRINT
logo
Adam Technologies, Inc.
DPD-XX-11-A3-JS ADAM-TECH-DPD-XX-11-A3-JS Datasheet
113Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
DPD-XX-11-C3 ADAM-TECH-DPD-XX-11-C3 Datasheet
112Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
DPD-XX-11-C3-JS ADAM-TECH-DPD-XX-11-C3-JS Datasheet
113Kb / 1P
   DUAL PORT D-SUB RIGHT ANGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com