Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCEJ0381-3RT Datasheet(PDF) 1 Page - Dubilier

Part # DBCEJ0381-3RT
Description  AUDIO SMT 3.5mm EARPHONE JACK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCEJ0381-3RT Datasheet(HTML) 1 Page - Dubilier

  DBCEJ0381-3RT Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
151
ORDERING INFORMATION
AUDIO
SMT 3.5mm EARPHONE JACK
SPECIFICATION
Competitively priced
Industry Compatible
Surface Mount
OUTLINE DRAWING
DBC
EJ
0381
-3RT
Dubilier
Connectors
3.5mm
Earphone
Socket
Series
Contacts
-3RT
-3TS
--5
Contact resistance:
30mΩ max. (INITIAL)
Insulation resistance:
100mΩ min. AT 500V DC.
Withstanding voltage:
500V AC for one minute
Soldering Heat:
260±5°C for 5±1 seconds
Insertion force:
0.3-2.0 KG
Extraction force:
0.3-2.0 KG
Lifetime:
5,000 cycles min
9.5
5.00
5.00
5.00
2.50
1.0
1.5
2 - 1.5
3.600
5-0.1
6.1
1.20
1.8
2.4
4.9
4.4
3.00
2.9
3.3
6.00
2 - 2.9
0.9
1.75 + 0.2
2.25 + 0.2
2 - 1.6
TERMINAL
NUMBER
RECOMMENDED
SOLDER PAD LAYOUT
SOLDER PADS
1
11
3
2
10
1
11
3
2
10
6.1
4.9
4.4
3.3
2-1.5
0.20
3-1.00
2.9
3.00
3.00
6.00
12.0
2-1.00
1 S
3 R
11RS
10TS
2 T
1 S
10TS
2 T
1 S
3 R
2 T
-5
-3RT
-3TS


Similar Part No. - DBCEJ0381-3RT

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCEJ0351 DUBILIER-DBCEJ0351 Datasheet
100Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0359-2T DUBILIER-DBCEJ0359-2T Datasheet
185Kb / 1P
   AUDIO PCB 3.5 EARPHONE JACK
DBCEJ0359-3RT DUBILIER-DBCEJ0359-3RT Datasheet
185Kb / 1P
   AUDIO PCB 3.5 EARPHONE JACK
DBCEJ0359-3TS DUBILIER-DBCEJ0359-3TS Datasheet
185Kb / 1P
   AUDIO PCB 3.5 EARPHONE JACK
DBCEJ0359-4R DUBILIER-DBCEJ0359-4R Datasheet
185Kb / 1P
   AUDIO PCB 3.5 EARPHONE JACK
More results

Similar Description - DBCEJ0381-3RT

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ0351 DUBILIER-DBCEJ0351 Datasheet
100Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
logo
Adam Technologies, Inc.
ASJ-41-5 ADAM-TECH-ASJ-41-5 Datasheet
101Kb / 1P
   3.5MM TRIPPLE STACK EARPHONE JACK
logo
SUYIN USA, INC.
010164FR SUYIN-USA-010164FR Datasheet
164Kb / 1P
   3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
010178FR SUYIN-USA-010178FR Datasheet
147Kb / 1P
   3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
logo
Adam Technologies, Inc.
ASJ-1 ADAM-TECH-ASJ-1 Datasheet
241Kb / 3P
   3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
ASJ13 ADAM-TECH-ASJ13 Datasheet
156Kb / 1P
   2.6mm & 3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
logo
Dubilier
DBCEJ0359.2T DUBILIER-DBCEJ0359.2T Datasheet
185Kb / 1P
   AUDIO PCB 3.5 EARPHONE JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com