Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US3018CW Datasheet(PDF) 5 Page - UNISEM

Part # US3018CW
Description  5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3018CW Datasheet(HTML) 5 Page - UNISEM

  US3018CW Datasheet HTML 1Page - UNISEM US3018CW Datasheet HTML 2Page - UNISEM US3018CW Datasheet HTML 3Page - UNISEM US3018CW Datasheet HTML 4Page - UNISEM US3018CW Datasheet HTML 5Page - UNISEM US3018CW Datasheet HTML 6Page - UNISEM US3018CW Datasheet HTML 7Page - UNISEM US3018CW Datasheet HTML 8Page - UNISEM US3018CW Datasheet HTML 9Page - UNISEM Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
US3018
4-5
Rev. 1.4
12/8/00
Pin Description
This pin is internally connected to the undervoltage and overvoltage comparators sensing
the Vcore status. It must be connected directly to the Vcore supply.
This pin is the input that provides power for the internal LDO regulator. It is also monitored
for the under voltage and over voltage conditions.
This pin is connected to the Drain of the power MOSFET of the Core supply and it
provides the positive sensing for the internal current sensing circuitry. An external resis-
tor programs the C.S threshold depending on the Rds of the power MOSFET. An external
capacitor is placed in parallel with the programming resistor to provide high frequency
noise filtering.
This pin is connected to the Source of the power MOSFET for the Core supply and it
provides the negative sensing for the internal current sensing circuitry.
This pin provides the soft start for the switching regulator. An internal resistor charges an
external capacitor that is conected from 5V supply to this pin which ramps up the outputs
of the switching regulators, preventing the outputs from overshooting as wellas limiting
the input current. The second function of the Soft Start cap is to provide long off time
(HICCUP) for the synchronous MOSFET during current limiting.
This pin has dual function. It acts as an output of the OVP circuitry or it can be used to
program the frequency using an external resistor . When used as a fault detector, if the
switcher output exceed the OVP trip point, the FAULT pin switches to 12V and the soft
start cap is discharged. If the FAULT pin is to be connected to any external circuitry, it
needs to be buffered as shown in the application circuit.
This pin controls the gate of an external transistor for the 1.5V GTL+ linear regulator.
This pin provides the feedback for the linear regulator that its output drive is GATE3.
This pin is the output of the internal LDO regulator.
This pin provides the feedback for the internal LDO regulator that its output is Vout4.
This pin serves as the ground pin and must be conected directly to the ground plane.
This pin serves as the Power ground pin and must be conected directly to the GND plane
close to the source of the synchronous MOSFET. A high frequency capacitor (typically 1
uF) must be connected from V12 pin to this pin for noise free operation.
Output driver for the synchronous power MOSFET for the Core supply.
Output driver for the high side power MOSFET for the Core supply.
This pin is connected to the 12 V supply and serves as the power Vcc pin for the output
drivers. A high frequency capacitor (typically 1 uF) must be placed close to this pin and
PGND pin and be connected directly from this pin to the GND plane for the noise free
operation.
5V supply voltage. A high frequency capacitor (0.1 to 1 uF) must be placed close to this
pin and connected from this pin to the GND plane for noise free operation.
This pin is a TTL compatible Enable pin. When this pin is left open or pulled high, the
device is enabled and when is pulled low, it will disable the switcher and the LDO
controller (Vout 3) leaving the internal 200mA regulator operational. When signal is
given to enable the device, both switcher and Vout 3 will go through soft start, the
same as during start up.
PIN# PIN SYMBOL
19
VSEN1
12
VIN2
20
OCSET1
23
PHASE1
9
SS
10
FAULT/Rt
15
GATE3
16
FB3
13
VOUT2
11
FB2
14
GND
21
PGND
22
LGATE1
24
UGATE1
1
V12
8
V5
17
En


Similar Part No. - US3018CW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
UNISEM
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010ACW UNISEM-US3010ACW Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010CW UNISEM-US3010CW Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
More results

Similar Description - US3018CW

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3018 IRF-IRU3018 Datasheet
148Kb / 16P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON-BOARD
logo
UNISEM
US3007 UNISEM-US3007 Datasheet
101Kb / 15P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS NON SYNCHRONOUS , LDO CONTROLLER AND 200MmA LDO ON BOARD
logo
International Rectifier
IRU3007 IRF-IRU3007 Datasheet
100Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
logo
UNISEM
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3027 UNISEM-US3027 Datasheet
65Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
   4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com