Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US3021B Datasheet(PDF) 1 Page - UNISEM

Part # US3021B
Description  5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3021B Datasheet(HTML) 1 Page - UNISEM

  US3021B Datasheet HTML 1Page - UNISEM US3021B Datasheet HTML 2Page - UNISEM US3021B Datasheet HTML 3Page - UNISEM US3021B Datasheet HTML 4Page - UNISEM US3021B Datasheet HTML 5Page - UNISEM US3021B Datasheet HTML 6Page - UNISEM US3021B Datasheet HTML 7Page - UNISEM US3021B Datasheet HTML 8Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
US3021B
4-1
Rev. 1.4
12/8/00
TYPICAL APPLICATION
TYPICAL APPLICATION
DESCRIPTION
DESCRIPTION
The US3021B controller IC is specifically designed to
meet Intel specification for next generation micropro-
cessor applications requiring multiple on board regula-
tors . The US3021B provides a single chip control-
ler IC for the Vcore , 3LDO controllers, one with the
automatic select pin that connects to the TYPE DE-
TECT pin of the AGP slot for the AGP Vddq supply,
one for GTL+ and the other for the 1.8V chip set
regulator as required for the next generation PC
applications. The US3021B typically uses Bipolar
transistors for Vout3(1.5V) and Vout4(1.8V) however
if Vaux pin is connected to 12V, then MOSFETs can
also be used as external pass elements. No exter-
nal resistor divider is necessary for any of the regu-
lators. The switching regulator feature a patented topol-
ogy that in combination with a few external components
as shown in the typical application circuit ,will provide
well in excess of 20A of output current for an on- board
DC/DC converter while automatically providing the right
output voltage via the 5 bit internal DAC .The US3021B
also features, loss less current sensing for both
switcher by using the Rds-on of the high side Power
MOSFET as the sensing resistor, an output under
voltage shutdown that detects short circuit condi-
tion for the linear outputs and latches the system
off, and a Power Good window comparator that switches
its open collector output low when any one of the out-
puts is outside of a pre programmed window.
Provides Single Chip Solution for Vcore,
GTL+ ,AGP Bus, and 1.8V
Automatic Voltage Selection for AGP slot
Vddq supply
Linear regulator controller on board for 1.8V
Designed to meet Intel Latest VRM specifica-
tion for next generation micrprocessors
On board DAC programs the output voltage
from 1.3V to 3.5V
Linear regulator controller on board for 1.5V
GTL+ supply
Loss less Short Circuit Protection for all
outputs
Synchronous operation allows maximum
efficiency
Patented architecture allows fixed frequency
operation as well as 100% duty cycle during
dynamic load
Minimum part count
Soft Start
High current totem pole driver for direct
driving of the external Power MOSFET
Power Good function Monitors all Outputs
OVP Circuitry Protects the Switcher Output
and generates a Fault output
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
PRELIMINARY DATASHEET
FEATURES
FEATURES
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK
PLUS TRIPPLE LDO CONTROLLER
APPLICATIONS
APPLICATIONS
Total Power Soloution for Next Generation Intel
Processor application
Ta (
°C)
Device
Package
0 TO 70
US3021BCW
28 pin Plastic SOIC WB
3021Bapp3-1.1
LINEAR
CONTROL
LINEAR
CONTROL
SWITCHER
CONTROL
US3021B
Vout3
5V
Vout1
Vout4
LINEAR
CONTROL
Vout2
3.3V


Similar Part No. - US3021B

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021MCW UNISEM-US3021MCW Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
More results

Similar Description - US3021B

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3027 UNISEM-US3027 Datasheet
65Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
logo
International Rectifier
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
logo
UNISEM
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
logo
International Rectifier
IRU3018 IRF-IRU3018 Datasheet
148Kb / 16P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON-BOARD
logo
UNISEM
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
   4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
US3007 UNISEM-US3007 Datasheet
101Kb / 15P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS NON SYNCHRONOUS , LDO CONTROLLER AND 200MmA LDO ON BOARD
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com