Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT7103A-UR-A Datasheet(PDF) 4 Page - Marktech Corporate

Part # MT7103A-UR-A
Description  3.0mm ROUND LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT7103A-UR-A Datasheet(HTML) 4 Page - Marktech Corporate

  MT7103A-UR-A Datasheet HTML 1Page - Marktech Corporate MT7103A-UR-A Datasheet HTML 2Page - Marktech Corporate MT7103A-UR-A Datasheet HTML 3Page - Marktech Corporate MT7103A-UR-A Datasheet HTML 4Page - Marktech Corporate MT7103A-UR-A Datasheet HTML 5Page - Marktech Corporate MT7103A-UR-A Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MT7103A-UR-A
3.0mm ROUND LED LAMP
VER.: 01
Date: 2007/10/04
Page: 3/5
Typical Electrical / Optical Characteristics Curves :
Applied Voltage (V)
FORWARD CURRENT VS.APPLIED VOLTAGE
10
20
40
30
50
1.2
1.6
2.0
2.4
2.8
3.2
20.0
Forward Current (mA)
FORWARD CURRENT VS. LUMINOUS INTENSITY
10.0
0
50
100
200
150
250
30.0
0.0
FORWARD CURRENT VS. AMBIENT TEMPERATURE
0
204060
100
80
10
20
40
30
50
Temperature ( )
RADIATION DIAGRAM
80°
90°
60°
70°
50°
30°
40°
0.1
0.5
0.7
0.8
0.3
1.0
0.9
0.4
0.2
0.6
10°
20°


Similar Part No. - MT7103A-UR-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT7103A-UR MARKTECH-MT7103A-UR Datasheet
35Kb / 1P
   Marktech 3mm Ultra Bright Red LEDs
More results

Similar Description - MT7103A-UR-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L07R3000F1 ETC2-L07R3000F1 Datasheet
961Kb / 8P
   3.0MM ROUND LED LAMP
logo
Marktech Corporate
MT2003L-WR MARKTECH-MT2003L-WR Datasheet
161Kb / 6P
   3.0mm ROUND LED LAMP
MT3403A-UY-A MARKTECH-MT3403A-UY-A Datasheet
202Kb / 6P
   3.0mm ROUND LED LAMP
MT640-G-A MARKTECH-MT640-G-A Datasheet
136Kb / 6P
   3.0mm ROUND LED LAMP
MT2403-G-A MARKTECH-MT2403-G-A Datasheet
135Kb / 6P
   3.0mm ROUND LED LAMP
MT1303A-UR-A MARKTECH-MT1303A-UR-A Datasheet
271Kb / 6P
   3.0mm ROUND LED LAMP
MT7203-UR-A MARKTECH-MT7203-UR-A Datasheet
135Kb / 6P
   3.0mm ROUND LED LAMP
MT230A-UR-A MARKTECH-MT230A-UR-A Datasheet
135Kb / 6P
   3.0mm ROUND LED LAMP
logo
List of Unclassifed Man...
LT0333-41-UC9T ETC1-LT0333-41-UC9T Datasheet
315Kb / 2P
   3.0MM ROUND LAMP
LT0323-41-URC1 ETC2-LT0323-41-URC1 Datasheet
89Kb / 2P
   3.0MM ROUND LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com