Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1207-33CM Datasheet(PDF) 1 Page - UNISEM

Part # US1207-33CM
Description  1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US1207-33CM Datasheet(HTML) 1 Page - UNISEM

  US1207-33CM Datasheet HTML 1Page - UNISEM US1207-33CM Datasheet HTML 2Page - UNISEM US1207-33CM Datasheet HTML 3Page - UNISEM US1207-33CM Datasheet HTML 4Page - UNISEM US1207-33CM Datasheet HTML 5Page - UNISEM US1207-33CM Datasheet HTML 6Page - UNISEM US1207-33CM Datasheet HTML 7Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
US1206/1207/1208/1209
2-1
Rev. 1.1
6/26/00
TYPICAL APPLICATION
TYPICAL APPLICATION
DESCRIPTION
DESCRIPTION
The US1206 family of devices are ultra low dropout 1A
regulators using PNP transistor as the pass element.
These products are ideal when a single input supply is
available only and the dropout voltage is less than 1V,
exceeding the minimum dropout characteristics of NPN/
PNP hybrid regulators. One common application of these
regulators are where input is 3.3V and a 2.5V output is
needed.
Besides the low dropout of less than 0.5V, other fea-
tures of the family of the parts are; micropower shutdown
capability and output UVLO detection where Flag pin is
switched low when output is below 5% of its nominal
point. The US1206-XX in SOT223 is pin compatible with
MIC39100-XX, US1207 and 1209 in SO8 power package
are compatible with MIC39101 and 39102 respectively.
1A ULTRA LOW DROPOUT POSITIVE
ADJUSTABLE & FIXED REGULATOR
FEATURES
FEATURES
Low Droput Voltage (500mV at 1A)
1% Voltage Reference Accuracy
Low Ground Current
10uA Quiescent Current in Shutdown
(US1207,1208)
Fast Transient Response
Current Limit and Thermal Shutdown
Error Flag Signal for Output out of Regulation
(US1207,1209)
Pin Compatible with MIC39100/101/102 series
APPLICATIONS
APPLICATIONS
2.5V Supply from 3.3V Input for the new genera-
tion of Logic ICs
Computer Mother Board, Add on Cards
High Efficiency Post Regulator in SMPS
PRELIMINARY DATASHEET
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
Vin
Vout
C1
C2
1206app1-1.0
US1206-XX
1
2
3
Vin
Gnd
Vout
Tj (°C)
3 LEAD
5 LEAD
8 PIN PLASTIC
Voltage
Pin Functions
TO252
TO263
SOIC Power
0 TO 125
US1206-18CD US1206-18CY
US1206-18CM
1.8V
Vin, Vout, GND
0 TO 125
US1206-25CD US1206-25CY
US1206-25CM
2.5V
Vin, Vout, GND
0 TO 125
US1206-33CD US1206-33CY
US1206-33CM
3.3V
Vin, Vout, GND
0 TO 125
NA
US1207-18CM
US1207CS
1.8V
Vin, Vout, GND, Enable, Flag
0 TO 125
NA
US1207-25CM
US1207CS
2.5V
Vin, Vout, GND, Enable, Flag
0 TO 125
NA
US1207-33CM
US1207CS
3.3V
Vin, Vout, GND, Enable, Flag
0 TO 125
NA
US1208CM
US1208CS
Adj
Vin, Vout, GND, Flag, Adj
0 TO 125
NA
US1209CM
US1209CS
Adj
Vin, Vout, GND, Adj, Enable


Similar Part No. - US1207-33CM

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
US120-UFD5 APACER-US120-UFD5 Datasheet
924Kb / 4P
   USB flash drive
logo
UNISEM
US1205 UNISEM-US1205 Datasheet
26Kb / 3P
   300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1205-25CL UNISEM-US1205-25CL Datasheet
26Kb / 3P
   300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1205-30CL UNISEM-US1205-30CL Datasheet
26Kb / 3P
   300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1205-33CL UNISEM-US1205-33CL Datasheet
26Kb / 3P
   300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - US1207-33CM

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
   1A Ultra Low Dropout Positive Adjustable Regulator
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com