Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECH8602M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8602M
Description  N-Channel Silicon MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8602M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8602M Datasheet HTML 1Page - Sanyo Semicon Device ECH8602M Datasheet HTML 2Page - Sanyo Semicon Device ECH8602M Datasheet HTML 3Page - Sanyo Semicon Device ECH8602M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECH8602M
No. A1562-3/4
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Total Gate Charge, Qg -- nC
VGS -- Qg
0.1
0.4
0.2
0.3
0.6
1.1
0.8
0.5
0.7
1.0
0.9
0.001
0.1
0.01
7
5
3
2
7
5
3
2
2
1.0
7
5
3
2
2
10
7
5
3
3
0
IT15048
0
0.5
1.0
1.5
2.0
2.5
7
3
9
5
11
1
6
2
8
4
10
12
VDS=10V
IT15051
IT15052
Ta=
--25
°C
75°
C
25
°C
VDS=10V
VGS=0V
0.1
2
1.0
7
5
3
2
2
7
5
3
10
0.1
0.01
57
23
3
5 7
25 7
23
2
1.0
10
1000
100
7
5
3
7
5
3
2
2
0.1
2
1.0
35
7
2
3
2
3
57
IT15053
VDD=15V
VGS=4.5V
td(off)
tr
tf
10
td(on)
0
0
1.0
2.0
3.0
4.5
4.0
0.5
1.5
2.5
3.5
6.0
5.5
5.0
0.4
0.8
0.9
1.0
0.2
0.6
0.3
0.7
0.1
0.5
IT15055
VGS=1.5V
IT15309
Ta=25
°C
IT15310
02
10
8
6
412
0
30
20
10
60
50
40
70
012345
8
7
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
IT15311
ID=1.5A
3A
10
20
30
50
60
40
70
--60
0
--20
--40
0
20
40
80
60
100
140
120
160
VGS
=4.0V
, ID
=3A
VGS
=4.5V
, ID
=3A
V GS
=2.5V
, I D
=1.5A
VDS=15V
ID=6A


Similar Part No. - ECH8602M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8602M SANYO-ECH8602M Datasheet
390Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
ECH8602M ONSEMI-ECH8602M Datasheet
305Kb / 7P
   N-Channel Power MOSFET
July, 2013
ECH8602M-TL-H ONSEMI-ECH8602M-TL-H Datasheet
305Kb / 7P
   N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ECH8602M SANYO-ECH8602M_12 Datasheet
390Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ECH8602M

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com