Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK416-090-E Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # STK416-090-E
Description  Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK416-090-E Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button STK416-090-E Datasheet HTML 2Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 3Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 4Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 5Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 6Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 7Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 8Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 9Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
STK416-090-E
No. A1621-6/12
Sample PCB Trace Pattern
STK415-100-E-Sr/STK416-100-E-Sr PCB PARTS LIST
STK415, 416-100-E Series PCB Parts List
PCB Name: STK415/416sr-PCB C
Location No.
(*2) 2ch Amp doesn't mount parts of ( ).
PARTS
RATING
Component
R01, R02
ERG1SJ152
1.5k
Ω, 1W
enabled
R03, R04
ERG1SJ101
100
Ω, 1W
enabled
R05, R06, (R07), R18, R19, (R20)
RN16S563FK
56k
Ω, 1/6W
enabled
R08, R09, (R10)
ERX1SJ4R7
4.7
Ω, 1W
enabled
R11, R12, (R13)
RN14S4R7FK
4.7
Ω, 1/4W
enabled
R14, R15, (R16)
RN16S561FK
560
Ω, 1/6W
enabled
R21, R22, (R23)
RN16S102FK
1k
Ω, 1/6W
enabled
R24, R26, (R28)
ERX2SJR22
0.22
Ω, 5W (*1)
enabled
R25, R27, (R29)
-
-
Short
R35, R36, (R37)
-
-
Short
C01, C02, C05, C06
100MV100HC
100
μF, 100V
enabled
C03, C04
100MV50HC
100
μF, 63V
enabled
C07, C08, (C09)
DD104-63CJ030C50
3pF, 50V
enabled
C10, C11, (C12)
ECQ-V1H104JZ
0.1
μF, 50V
enabled
C13, C14, (C15)
10MV22HC
22
μF, 10V
enabled
C16, C17, (C18)
50MV2R2HC
2.2
μF, 50V
enabled
C19, C20, (C21)
DD104-63B471K50
470pF, 50V
enabled
C22, C23, (C24)
DD104-63B101K50
100pF, 50V
enabled
D01, D02
(*3)
GZA15X
VZ=15V
enabled
D03, D04
ERC91-02SC
60V, 3A (FRD)
enabled
L01, L02, (L03)
-
3
μH
enabled
Tr1
2SC1209 (Reference)
VCE≥80V, IC≥10mA
enabled
D05
GMB05 (Reference)
Di
enabled
R30
RN16S512FK
2.7k
Ω, 1/6W
enabled
R32
RN16S102FK
1k
Ω, 1/6W
enabled
R33
RN16S333FK
33k
Ω, 1/6W
enabled
R34
RN16S202FK
2k
Ω, 1/6W
enabled
Stand-by Control Circuit
C25
10MV47HC
47
μF, 10V
enabled
J01, 02, J03, J04, J05, J06
-
-
enabled
(*1) Metal Plate Cement Resistor use.
(*2) STK415series (2ch Amp) doesn't mount parts of ( )
(*3) STK415-140-E uses GZA18X (ZD=18X) for D01, D02.


Similar Part No. - STK416-090-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4160MK2 SANYO-STK4160MK2 Datasheet
235Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.4%
STK4160MK5 SANYO-STK4160MK5 Datasheet
230Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.08%?
STK4161 SANYO-STK4161 Datasheet
150Kb / 2P
   2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
logo
List of Unclassifed Man...
STK4161II ETC-STK4161II Datasheet
104Kb / 2P
   2-CHANNEL AF POWER AMP
logo
Sanyo Semicon Device
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
More results

Similar Description - STK416-090-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
logo
Tumbler Technologies + ...
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
   80W Power Supply
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com