Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK416-100-E Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # STK416-100-E
Description  Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK416-100-E Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK416-100-E Datasheet HTML 1Page - Sanyo Semicon Device STK416-100-E Datasheet HTML 2Page - Sanyo Semicon Device STK416-100-E Datasheet HTML 3Page - Sanyo Semicon Device STK416-100-E Datasheet HTML 4Page - Sanyo Semicon Device STK416-100-E Datasheet HTML 5Page - Sanyo Semicon Device STK416-100-E Datasheet HTML 6Page - Sanyo Semicon Device STK416-100-E Datasheet HTML 7Page - Sanyo Semicon Device STK416-100-E Datasheet HTML 8Page - Sanyo Semicon Device STK416-100-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STK416-090-E
No. A1621-4/12
Internal Equivalent Circuit
Test Circuit
SUB
6
2
1
7
4
3
23
Stand-by Circuit
13
14
16
15
12
Pre Driver
CH1
5
9 8
21
20
Pre Driver
CH3
22
18
19
11
Pre Driver
CH2
12
10
17
Comparator
Comparator
STK416-100-E series
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
23
22
21
20
GND
Ch2-OUT
Ch1-OUT
R08
C10
R09
C11
L01
R11
GND
Ch2-IN
Ch1-IN
Ch3-IN
L02
R12
L03
R13
C12
R10
Ch3-OUT
GND
+VL
+VH
-VL
-VH
C01
C02
C03
C04
D01
D02
R01
R02
R04
R03
C06
C05
C07
C08
R18
R19
D03 D04
R16
C15
R15
C14
R14
C13
C22
R26
R24
+OFF
SET
-OFF
SET
-VL
+VL
-Pre -VH +VH
OUT
Ch1+
OUT
Ch1-
OUT
Ch2+
OUT
Ch2- +Pre SUB GND
IN
Ch1
NF
Ch1
NF
Ch2
IN
Ch2
ST
BY
Stand-by
IN
Ch3
NF
Ch3
OUT
Ch3+
OUT
Ch3-
R23
C18
R05
R21
C16
C19
R22
R06
C20
C17
R07
C21
C23
C24
R28
R30
C09
R20


Similar Part No. - STK416-100-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4160MK2 SANYO-STK4160MK2 Datasheet
235Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.4%
STK4160MK5 SANYO-STK4160MK5 Datasheet
230Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.08%?
STK4161 SANYO-STK4161 Datasheet
150Kb / 2P
   2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
logo
List of Unclassifed Man...
STK4161II ETC-STK4161II Datasheet
104Kb / 2P
   2-CHANNEL AF POWER AMP
logo
Sanyo Semicon Device
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
More results

Similar Description - STK416-100-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
logo
Tumbler Technologies + ...
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
   80W Power Supply
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com