Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148LC Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # 1N4148LC
Description  500mW DO-35 Hermetically glass sealed switching diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

1N4148LC Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  1N4148LC Datasheet HTML 1Page - Cystech Electonics Corp. 1N4148LC Datasheet HTML 2Page - Cystech Electonics Corp. 1N4148LC Datasheet HTML 3Page - Cystech Electonics Corp. 1N4148LC Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C329LC
Issued Date : 2004.06.21
Revised Date :
Page No. : 2/4
1N4148LC
CYStek Product Specification
Electrical Characteristics (Tj=25°C, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF=10mA
VF
-
0.86
1
V
VR=20V
IR
-
-
25
nA
VR=20V, Tj=150℃
IR
-
-
50
µA
Reverse Current
VR=75V
IR
-
-
5
µA
Breakdown Voltage
IR=100µA, Tp/T=0.01, Tp=0.3ms
V(BR)
100
-
-
V
Diode Capacitance
VR=0, f=1MHz, VHF=50mV
CD
4
pF
Rectification Efficiency
VHF=2V, f=100MHz
ηR
45
%
IF=10mA,VR=6V,IRR=0.1×IR, RL=100Ω
trr
4
ns
Reverse Recovery Time
IF=IR=10mA,IRR=1mA
trr
8
ns


Similar Part No. - 1N4148LC

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1N4148L BILIN-1N4148L Datasheet
136Kb / 3P
   Silicon Epitaxial Planar Diode
logo
Unisonic Technologies
1N4148L-AE3-R UTC-1N4148L-AE3-R Datasheet
218Kb / 4P
   HIGH-SPEED SWITCHING DIODE
1N4148L-AE3-R UTC-1N4148L-AE3-R Datasheet
320Kb / 5P
   HIGH-SPEED SWITCHING DIODE
1N4148L-AL3-R UTC-1N4148L-AL3-R Datasheet
218Kb / 4P
   HIGH-SPEED SWITCHING DIODE
1N4148L-AL3-R UTC-1N4148L-AL3-R Datasheet
320Kb / 5P
   HIGH-SPEED SWITCHING DIODE
More results

Similar Description - 1N4148LC

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Motorola, Inc
1N5221B MOTOROLA-1N5221B Datasheet
441Kb / 9P
   500mW DO-35 GLASS
logo
Tak Cheong Electronics ...
KELDB3 TAK_CHEONG-KELDB3 Datasheet
92Kb / 3P
   DO-35 Hermetically Sealed Glass BI-directional Trigger Diode
logo
Continental Device Indi...
DO-35 CDIL-DO-35 Datasheet
225Kb / 3P
   DO-35 Hermetically Sealed Glass Axial Package
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Tak Cheong Electronics ...
TCBAT85 TAK_CHEONG-TCBAT85 Datasheet
67Kb / 2P
   200 mW DO-35 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
TCBAT42 TAK_CHEONG-TCBAT42 Datasheet
68Kb / 2P
   200 mW DO-35 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
TC1N4148 TAK_CHEONG-TC1N4148 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TCBAW76 TAK_CHEONG-TCBAW76 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com