Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIC20SC Datasheet(PDF) 1 Page - Dubilier

Part # DBCIC20SC
Description  IC SOCKETS STAMPED & FORMED CONTACTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIC20SC Datasheet(HTML) 1 Page - Dubilier

  DBCIC20SC Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
313
OUTLINE DRAWING
ORDERING INFORMATION
Open frame style
Very competitively priced
Flame retardant
Low profile
Dual wipe stamped contacts
Available on 0.3" & 0.6" pitch
Material
Insulator:
Thermoplastic polyester, UL rated 94V-0
Contacts:
Phosphor bronze
Plating:
Tin/lead
Mechanical
Vibration:
Passed MIL-STD-1334, Method 2005.1,
Condition III, 15 G's
Shock:
Passed MIL-STD-1334, Method 2004.1,
Condition G, 100 G's
Durability:
Passed MIL-STD-1334, Method 2016
Normal Force:
170 Grams (6.0 oz.) with .009" x .015"
(0,23 x 0,38) IC lead typ.
Contact Retention: 340 Grams (12.0 oz.) minimum
Solderability:
Passed MIL-STD-202, Method 208
Insertion Force:
169 Grams (6.0 oz) average with a .013"x.020"
(0,33 x 0,51) dia. polished steel pin
Withdrawal Force: 43 Grams (1.5 oz.) average with a .009" x .015"
(0,23 x 0,38) dia. polished steel pin
Electrical
Contact Resistance:
10 mΩ
Contact Rating:
2A
Capacitance:
5 pF per MIL-STD-202, Method 305
(Adjacent contacts max.)
Insulation Resistance:
5,000 MΩ @ 500 VDC per MIL-
STD-1344, Method 3003.1
Dielectric Withstanding
Voltage:
1,000 Volts rms per MIL-STD-1344,
Method 3001
Environmental
Humidity:
Passed MIL-STD-1344, Method 1002.2
Thermal Shock:
Passed MIL-STD-1344, Method 1003.1
Temperature Cycling:
Passed MIL-STD-1344, Method 1003.1
Operation Temperature:
Tin -55°C to +105°C
Salt Spray:
Passed MIL-STD-1344, Method 1001.1
STAMPED & FORMED CONTACTS
SPECIFICATION
DBC
IC
32
Dubilier
Connectors
Series
IC
06=6way
08=8way
14=14way
16=16way
18=18way
20=20way
24=24way
*24=24way
28=28way
*28=28way
32=32way
*32=32way
*40=40way
*42=42way
Type of Contact
SC=Stamped &
Formed
SC
Pitch
Blank=0.3”Pitch
*
6=0.6” Pitch
6
.100
(2,54)
TYP.
D
B
.035
(0.89)
P.C.B. Hole Layout
Tolerance ±.002(0.05)
.125
(3.18)
Min
B
D
A
C
Max
.015
(0.38)
Max
.210
(5.33)
Max
.100(2.54)
.023
(0.58)
Polarization Notch
No. of Ways
Application Dimensions:
PCB Thickness Range: Standard .062" and .092" (1,57 and 2,34)
PCB Hole Size Range: .035" ± .003" (0,89 ± 0,08) standard tail
IC Pin Dimension Range: .008" x .015" (0,20 x 0,38) through .013"
x .020" (0,33 x 0,51), .100" 92,54) min.
No. of
A
B
C
D
Contacts
6
.300
.200
8
.400
.300
14
.700
.600
16
.800
.700
18
.900
.300±.005
.400
.800
20
1.00
.900
24
1.20
1.10
24
1.20
.600±.005
.700
1.50
28
1.40
.300±.005
.400
1.30
28
1.40
.600±.005
.700
1.30
32
1.60
.300±.005
.400
1.50
32
1.60
.600±.005
.700
1.50
40
2.00
.600±.005
.700
1.50
42
2.10
.600±.005
.700
2.00
IC SOCKETS


Similar Part No. - DBCIC20SC

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIC20SC6 DUBILIER-DBCIC20SC6 Datasheet
208Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
More results

Similar Description - DBCIC20SC

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIC32SC6 DUBILIER-DBCIC32SC6_11 Datasheet
208Kb / 1P
   IC SOCKETS STAMPED & FORMED CONTACTS
logo
Amphenol Corporation
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
   STAMPED AND FORMED CONTACTS
L77HDE15SD1CH4R AMPHENOL-L77HDE15SD1CH4R Datasheet
2Mb / 4P
   D-Sub connectors - Stamped and Formed Contacts
logo
CAMBION Electronic Comp...
703-3300 CAMBION-703-3300 Datasheet
32Kb / 2P
   IC Socket, stamped contacts
logo
Amphenol Corporation
L177RRXXXS AMPHENOL-L177RRXXXS Datasheet
91Kb / 1P
   Stamped and formed contact.RR series
logo
3M Electronics
4808-3000-CP 3M-4808-3000-CP Datasheet
369Kb / 4P
   Stamped and Formed, Dual-Wipe
4808-3004-CP 3M-4808-3004-CP Datasheet
369Kb / 4P
   Stamped and Formed, Dual-Wipe
logo
List of Unclassifed Man...
SC14M1TK6 ETC2-SC14M1TK6 Datasheet
955Kb / 2P
   Size 16 stamped and formed contacts for TRIM TRIO connectors
logo
Amphenol Corporation
L777-RR-A15P AMPHENOL-L777-RR-A15P Datasheet
112Kb / 1P
   STAMPED AND FORMED CONNECTOR, RR SERIES
logo
3M Electronics
4848-6004-CP 3M-4848-6004-CP Datasheet
744Kb / 3P
   3M??DIP Socket Stamped and Formed, Dual-Wipe
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com