Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIDCA11A10BG1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDCA11A10BG1
Description  IDC IDC DIP PLUG (TRANSITION) 2.0mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCA11A10BG1 Datasheet(HTML) 1 Page - Dubilier

  DBCIDCA11A10BG1 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
336
Material & Finish
Contact Material:
PhosphorBronze
Insulator Material:
PBT,glassreinforced,ratedUL94V-0
Current Rating:
1Amp
Contact Resistance:
30MΩMax.
Insulator Resistance:
3000MΩMin.
Dielectric Withstanding
Voltage:
250VACforOneMinute
Operating Temperature:
-40°Cto+105°C
Terminatedwith1.00mmpitchflatribboncable
IDC
IDC DIP PLUG (TRANSITION) 2.0mm
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various Plating contacts available
2.0mm pitch
DBC
IDC
A11A
34
Dubilier
Connectors
IDC
Connector
Series
ContactPlating
G=GoldFlash
S=Selective
*=OtherPlating
available
08=08way
10=10way
12=12way
14=14way
20=20way
22=22way
24=24way
26=26way
30=30way
34=34way
40=40way
44=44way
50=50way
68=68way
ContactMaterial
B=Phosphor
Bronze
B
G
NºofWays
SPECIFICATION
Colour
1=Black
1
Position
A
B
8
12.20
6.00
10
14.20
8.00
12
16.20
10.00
14
18.20
12.00
16
20.20
14.00
20
24.20
18.00
22
26.20
20.00
24
28.20
22.00
26
30.20
24.00
30
34.20
28.00
34
38.20
32.00
40
44.20
38.00
44
48.20
42.00
50
54.20
48.00
68
72.20
66.00
A
B
4.0
3.2
2.0
3.0
2.0
4.0
(2.0)
TERMINATED
HEIGHT
2.0
2.0
0.81+0.05
RECOMMENDED P.C.B LAYOUT
RO
DUC
NEW
4.9


Similar Part No. - DBCIDCA11A10BG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCA11A10BG1 DUBILIER-DBCIDCA11A10BG1 Datasheet
181Kb / 1P
   IDC IDC DIP PLUG (TRANSITION) 2.0mm
More results

Similar Description - DBCIDCA11A10BG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCDIP200 DUBILIER-DBCIDCDIP200 Datasheet
181Kb / 1P
   IDC IDC DIP PLUG (TRANSITION) 2.0mm
DBCIDC1120AS1 DUBILIER-DBCIDC1120AS1 Datasheet
101Kb / 1P
   IDC IDC DIP PLUG (TRANSITION)
DBCIDC1120AS1 DUBILIER-DBCIDC1120AS1_11 Datasheet
333Kb / 2P
   IDC IDC DIP PLUG (TRANSITION)
logo
Adam Technologies, Inc.
FTR-XX-T-30-GY ADAM-TECH-FTR-XX-T-30-GY Datasheet
77Kb / 1P
   IDC DIP PLUG
FTR-XX-T ADAM-TECH-FTR-XX-T Datasheet
190Kb / 1P
   IDC DIP PLUG
logo
Dubilier
DBCIDC1310AT1 DUBILIER-DBCIDC1310AT1 Datasheet
112Kb / 1P
   IDC IDC DIP PLUG - 7.62 SPACING
logo
Adam Technologies, Inc.
FTR-XX-T-HT ADAM-TECH-FTR-XX-T-HT Datasheet
235Kb / 1P
   IDC DIP PLUG
2FCS-20 ADAM-TECH-2FCS-20 Datasheet
105Kb / 1P
   2.00mm IDC SOCKET & TRANSITION PLUG
2FCS40SG ADAM-TECH-2FCS40SG Datasheet
124Kb / 1P
   2.00mm IDC SOCKET & TRANSITION PLUG
FTR-26-T-K01-02-25 ADAM-TECH-FTR-26-T-K01-02-25 Datasheet
104Kb / 1P
   IDC TRANSITION PLUG 26 POSITION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com