Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIDCC3B06AS1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDCC3B06AS1
Description  IDC BOX HEADER SMT 2.54mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC3B06AS1 Datasheet(HTML) 1 Page - Dubilier

  DBCIDCC3B06AS1 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
324
Material & Finish
Contact Material:
PhosphorBronzeorBrass
Insulator Material:
Nylon6T,glassreinforced,ratedUL94V-0
Current Rating:
2Amp
Contact Resistance:
30MΩMax.
Insulator Resistance:
3000MΩMin.
Dielectric Withstanding
Voltage:
250VACforOneMinute
Operating Temperature:
-40°Cto+105°C
Position
A
B
C
6
15.22
13.02
5.08
8
17.76
15.16
7.62
10
20.30
18.10
10.16
12
22.84
20.64
12.70
14
25.38
23.18
15.24
16
27.92
25.72
17.78
20
33.00
30.80
22.86
24
38.08
35.88
27.94
26
40.62
38.42
30.48
30
45.70
43.50
35.56
34
50.78
48.58
40.64
40
58.40
56.20
48.26
44
63.48
61.28
53.34
50
71.10
68.90
60.96
60
83.80
81.60
73.66
64
88.88
86.88
78.74
IDC
BOX HEADER SMT 2.54mm
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various Plating contacts available
2.54mm pitch
DBC
IDC
C3B
26
Dubilier
Connectors
IDC
Connector
Series
ContactPlating
G=GoldFlash
S=Selective
*=OtherPlating
available
06=06way
08=08way
10=10way
12=12way
14=14way
16=16way
20=20way
24=24way
26=26way
30=30way
34=34way
40=40way
44=44way
50=50way
60=60way
64=64way
ContactMaterial
A=Brass
A
G
NºofWays
SPECIFICATION
Colour
1=Black
1
RO
DUC
NEW
4.5
9.0
6.4
A
B
C
0.64*0.64
9.0
2.54
6.4
10.2
10.5
11.2
Recommended P.C.B Layout
4.0
2.54
1.27


Similar Part No. - DBCIDCC3B06AS1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC3B06AG1 DUBILIER-DBCIDCC3B06AG1 Datasheet
312Kb / 3P
   IDC IDC BOX HEADER STRAIGHT
More results

Similar Description - DBCIDCC3B06AS1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC5S26AG1 DUBILIER-DBCIDCC5S26AG1 Datasheet
78Kb / 1P
   IDC BOX HEADER SMT 2.00mm
DBCIDCC7S30BGA1 DUBILIER-DBCIDCC7S30BGA1 Datasheet
84Kb / 1P
   IDC BOX HEADER SMT 1.27mm
DBCIDCC4426BG1 DUBILIER-DBCIDCC4426BG1 Datasheet
93Kb / 1P
   IDC BOX HEADER SMT 1.27mm
logo
Adam Technologies, Inc.
FCP-XX-SG ADAM-TECH-FCP-XX-SG Datasheet
109Kb / 1P
   IDC BOX HEADER
logo
Dubilier
DBCIDCC310AG1 DUBILIER-DBCIDCC310AG1 Datasheet
86Kb / 1P
   IDC IDC BOX HEADER STRAIGHT
DBCIDCBOX DUBILIER-DBCIDCBOX Datasheet
312Kb / 3P
   IDC IDC BOX HEADER STRAIGHT
logo
Assmann Electronics Inc...
AWHW2-14G-SMD-R ASSMANN-AWHW2-14G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
AWHW2-34G-SMD-R ASSMANN-AWHW2-34G-SMD-R Datasheet
78Kb / 1P
   IDC Box Header, SMD
logo
Dubilier
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1_11 Datasheet
452Kb / 5P
   IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1 Datasheet
87Kb / 1P
   IDC BOX HEADER STRAIGHT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com