Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTC1510J3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BTC1510J3
Description  NPN Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTC1510J3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTC1510J3_09 Datasheet HTML 1Page - Cystech Electonics Corp. BTC1510J3_09 Datasheet HTML 2Page - Cystech Electonics Corp. BTC1510J3_09 Datasheet HTML 3Page - Cystech Electonics Corp. BTC1510J3_09 Datasheet HTML 4Page - Cystech Electonics Corp. BTC1510J3_09 Datasheet HTML 5Page - Cystech Electonics Corp. BTC1510J3_09 Datasheet HTML 6Page - Cystech Electonics Corp. BTC1510J3_09 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C652J3
Issued Date : 2003.05.16
Revised Date :2009.02.04
Page No. : 3/7
BTC1510J3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
10
100
1000
10000
100000
1
10
100
1000
10000
Collector Current---IC(mA)
25℃
125℃
75℃
HFE@VCE=3V
Saturation Voltage vs Collector Current
100
1000
10000
100
1000
10000
Collector Current---IC(mA)
VCE(SAT)@IC=250IB
125℃
75℃
25℃
Saturation Voltage vs Collcetor Current
100
1000
10000
1000
10000
Collector Current---IC(mA)
VCE(SAT)@IC=2000IB
25℃
75℃
125℃
Saturation Voltage vs Colltctor Current
100
1000
10000
100
1000
10000
Collector Current---IC(mA)
VCE(SAT)@IC=500IB
25℃
75℃
125℃
Saturation Voltage vs Collcetor Current
100
1000
10000
100
1000
10000
Collector Current---IC(mA)
VBE(ON)@VCE=3V
25℃
75℃
125℃
Power Derating Curve
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
50
100
150
200
Ambient Temperature---TA(℃)


Similar Part No. - BTC1510J3_09

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTC1510J3 CYSTEKEC-BTC1510J3 Datasheet
165Kb / 5P
   NPN Epitaxial Planar Transistor
More results

Similar Description - BTC1510J3_09

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com