Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIDCC7B10BSA1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDCC7B10BSA1
Description  IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC7B10BSA1 Datasheet(HTML) 1 Page - Dubilier

  DBCIDCC7B10BSA1 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
339
Material & Finish
Contact Material:
PhosphorBronze
Insulator Material:
PBT,GlassReinforced,ratedUL-94V-0
Current Rating:
1Amp
Contact Resistance:
30MΩMax.
Insulator Resistance:
1000MΩMin.
Dielectric Withstanding
Voltage:
250VACforOneMinute
Operating Temperature:
-40°Cto+105°C
Position
A
B
C
10
24.50
5.08
11.46
20
30.85
11.43
17.81
26
34.66
15.24
21.62
30
37.20
17.78
24.16
34
39.74
20.32
26.70
40
43.55
24.13
30.51
50
49.90
30.48
36.86
60
56.25
36.83
43.21
68
61.33
41.91
48.29
70
62.60
43.18
49.56
80
68.95
49.53
55.91
90
75.30
55.88
62.26
100
81.65
62.23
68.61
IDC
SHROUDED LATCHED HEADER STRAIGHT 1.27mm
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various Plating contacts available
1.27 mm pitch
Long or Short Latch
2.54mm row spacing
DBC
IDC
C7B
30
Dubilier
Connectors
IDC
Connector
Series
ContactPlating
G=GoldFlash
S=Selective
*=OtherPlating
available
Features
A=LongLatch
b=ShortLatch
10=10way
20=20way
26=26way
30=30way
34=34way
40=40way
50=50way
60=60way
68=68way
70=70way
80=80way
90=90way
100=100way
ContactMaterial
B=Phosphor
Bronze
B
G
A
NºofWays
SPECIFICATION
C
4.1
Y
X
0.46*0.46
3.2
1.9 1.9 1.9
B
1.9
1.9
1.9
1.27
2.54
2
4
1
3
0.81 0.05
+
_
P.C.BOARD LAYOUT FOR
20,40,60,68,80,100
1.9
1.9
1.9
2.54
1.27
B
4
2
3
1
0.81 0.05
+
_
P.C.BOARD LAYOUT FOR
10,26,30,34,50,70,90
Colour
1=Black
1
ACCESSORIES
X
Y
LongLatch
19.0
10.65
ShortLatch
17.5
8.0
A
B
8.1
1.27
2.54


Similar Part No. - DBCIDCC7B10BSA1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC7B10BSA1 DUBILIER-DBCIDCC7B10BSA1 Datasheet
452Kb / 4P
   IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
More results

Similar Description - DBCIDCC7B10BSA1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC7B10BGA1 DUBILIER-DBCIDCC7B10BGA1_11 Datasheet
452Kb / 4P
   IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
DBCIDCC42A26BG1 DUBILIER-DBCIDCC42A26BG1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER 1.27mm
DBCIDCC44A26BG1 DUBILIER-DBCIDCC44A26BG1 Datasheet
94Kb / 1P
   IDC SHROUDED LATCHED HEADER SMT 1.27mm
DBCIDCC110ASA1 DUBILIER-DBCIDCC110ASA1 Datasheet
87Kb / 1P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC110ASA1 DUBILIER-DBCIDCC110ASA1_11 Datasheet
327Kb / 3P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC43A26BG1 DUBILIER-DBCIDCC43A26BG1 Datasheet
94Kb / 1P
   IDC SHROUDED LATCHED HEADER RIGHT ANGLED 1.27mm
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1 Datasheet
83Kb / 1P
   IDC SHROUDED LATCHED HEADER 2.00mm
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1_11 Datasheet
348Kb / 3P
   IDC SHROUDED LATCHED HEADER 2.00mm
DBCIDCC1D26AGA1 DUBILIER-DBCIDCC1D26AGA1 Datasheet
89Kb / 1P
   IDC SHROUDED LATCHED HEADER - SMT 2.54mm
DBCIDCC210ASA1 DUBILIER-DBCIDCC210ASA1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER - RIGHT ANGLED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com