Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLOE50T Datasheet(PDF) 5 Page - Marktech Corporate

Part # TLOE50T
Description  TOSHIBA InGaA?밣 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLOE50T Datasheet(HTML) 5 Page - Marktech Corporate

  TLOE50T Datasheet HTML 1Page - Marktech Corporate TLOE50T Datasheet HTML 2Page - Marktech Corporate TLOE50T Datasheet HTML 3Page - Marktech Corporate TLOE50T Datasheet HTML 4Page - Marktech Corporate TLOE50T Datasheet HTML 5Page - Marktech Corporate TLOE50T Datasheet HTML 6Page - Marktech Corporate TLOE50T Datasheet HTML 7Page - Marktech Corporate TLOE50T Datasheet HTML 8Page - Marktech Corporate TLOE50T Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)50T(F)
2005-09-13
5
TLSE50T(F)
0
60
0
40
80
20
120
20
40
60
80
100
10
1
100
10000
1000
Ta
= 25°C
100
10
1.6
50
30
10
3
1
5
100
Ta
= 25°C
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Forward voltage VF (V)
IF – VF
Forward current IF (mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Relative luminous intensity – Wavelength
Ambient temperature Ta (°C)
IF – Ta
Radiation pattern
Ta
= 25°C
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
680
0.8
0
0.6
1.0
0.2
0.4
IF = 20 mA
Ta
= 25°C
660
640
620
600
580
560
20
−20
80
0.1
3
1
0.3
0.5
0
40
60


Similar Part No. - TLOE50T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOE50T TOSHIBA-TLOE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
TLOE50T TOSHIBA-TLOE50T Datasheet
284Kb / 12P
   Panel Circuit Indicators
TLOE50TF TOSHIBA-TLOE50TF Datasheet
284Kb / 12P
   Panel Circuit Indicators
More results

Similar Description - TLOE50T

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRE60T MARKTECH-TLRE60T Datasheet
361Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRMH38TP MARKTECH-TLRMH38TP Datasheet
358Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRH62T TOSHIBA-TLRH62T Datasheet
222Kb / 6P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLPGE19TP MARKTECH-TLPGE19TP Datasheet
389Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLPGE23TP TOSHIBA-TLPGE23TP Datasheet
388Kb / 7P
   TOSHIBA InGaA?밣 LED
logo
Marktech Corporate
TLRE62T MARKTECH-TLRE62T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
TLRH30TP MARKTECH-TLRH30TP Datasheet
296Kb / 8P
   TOSHIBA InGaA?밣 LED
TLRH50T MARKTECH-TLRH50T Datasheet
248Kb / 8P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLRMH20T TOSHIBA-TLRMH20T Datasheet
167Kb / 7P
   TOSHIBA InGaA?밣 LED
TLRE62T TOSHIBA-TLRE62T Datasheet
214Kb / 12P
   TOSHIBA InGaA ?밣 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com