Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTD1858A3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # BTD1858A3
Description  Silicon NPN Epitaxial Planar Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD1858A3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  BTD1858A3 Datasheet HTML 1Page - Cystech Electonics Corp. BTD1858A3 Datasheet HTML 2Page - Cystech Electonics Corp. BTD1858A3 Datasheet HTML 3Page - Cystech Electonics Corp. BTD1858A3 Datasheet HTML 4Page - Cystech Electonics Corp. BTD1858A3 Datasheet HTML 5Page - Cystech Electonics Corp. BTD1858A3 Datasheet HTML 6Page - Cystech Electonics Corp. BTD1858A3 Datasheet HTML 7Page - Cystech Electonics Corp. BTD1858A3 Datasheet HTML 8Page - Cystech Electonics Corp. BTD1858A3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C856A3
Issued Date : 2006.06.05
Revised Date : 2006.06.08
Page No. : 6/9
BTD1858A3
CYStek Product Specification
Recommended IR reflow profile
Average ramp-up rate(25 to 150℃)
1~4 ℃/second
Preheat temperature 150~180℃
60~90 seconds
Temperature maintained above 220℃
30 seconds min.
Time within 5℃ of actual peak temperature
3~5 seconds
Peak temperature range
255+0/-5℃
Ramp-down rate
2~10 ℃/second
Time 25℃ to peak temperature
6 minutes max.


Similar Part No. - BTD1858A3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD1858I3 CYSTEKEC-BTD1858I3 Datasheet
280Kb / 7P
   Silicon NPN Epitaxial Planar Transistor
BTD1858T3 CYSTEKEC-BTD1858T3 Datasheet
180Kb / 7P
   Silicon NPN Epitaxial Planar Transistor
More results

Similar Description - BTD1858A3

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com