Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLOM1052 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLOM1052
Description  TOSHIBA LED Lamp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOM1052 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLOM1052 Datasheet HTML 1Page - Toshiba Semiconductor TLOM1052 Datasheet HTML 2Page - Toshiba Semiconductor TLOM1052 Datasheet HTML 3Page - Toshiba Semiconductor TLOM1052 Datasheet HTML 4Page - Toshiba Semiconductor TLOM1052 Datasheet HTML 5Page - Toshiba Semiconductor TLOM1052 Datasheet HTML 6Page - Toshiba Semiconductor TLOM1052 Datasheet HTML 7Page - Toshiba Semiconductor TLOM1052 Datasheet HTML 8Page - Toshiba Semiconductor TLOM1052 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1052(T20)
2009-07-23
2
Absolute Maximum Ratings (Ta = 25°C)
Product
Name
Forward Current
IF(mA)
Reverse Voltage
VR(V)
Power Dissipation
PD(mW)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
TLRM1052
TLRMM1052
TLSM1052
TLOM1052
TLYM1052
50
4
135
−40 to 100
−40 to 110
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated
failure rate, etc).
Note 1: Forward current derating
Electrical Characteristics (Ta
= 25°C)
Forward Voltage
VF
Reverse Current IR
Product Name
Min
Typ.
Max
IF
Max
VR
TLRM1052
2.0
2.3
2.7
TLRMM1052
2.0
2.3
2.7
TLSM1052
2.0
2.3
2.7
20
10
4
TLOM1052
2.0
2.3
2.7
TLYM1052
2.0
2.3
2.7
Unit
V
mA
μA
V
IF – Ta
Ambient temperature Ta (°C)
0
80
60
0
100
80
120
40
20
40
20
60


Similar Part No. - TLOM1052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOM1050 TOSHIBA-TLOM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
More results

Similar Description - TLOM1052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRE1002A TOSHIBA-TLRE1002A Datasheet
644Kb / 17P
   TOSHIBA LED LAMP
TLUR124 TOSHIBA-TLUR124 Datasheet
416Kb / 4P
   TOSHIBA LED LAMP
1996-09-20
logo
Marktech Corporate
TLBD1050 MARKTECH-TLBD1050 Datasheet
210Kb / 8P
   TOSHIBA LED Lamp
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRM1050 TOSHIBA-TLRM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Red Light Emission
TLGD231 TOSHIBA-TLGD231 Datasheet
177Kb / 4P
   TOSHIBA LED LAMP Gap GREEN LIGHT EMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com