Electronic Components Datasheet Search |
|
MID-30422 Datasheet(PDF) 1 Page - Unity Opto Technology |
|
MID-30422 Datasheet(HTML) 1 Page - Unity Opto Technology |
1 / 3 page T-1 PACKAGE NPN PHOTOTRANSISTOR MID-30422 Description The MID-30422 is a NPN silicon phototransistor moun- nted in a lensed , clear transparent plastic package. The lensing effect of the package allows an acceptance half view angle of 10° that is measured from the optical axis to the half power point . Features l Wide range of collector current l Lensed for high sensitivity l Low cost plastic package l Acceptance view angle : 20 o Absolute Maximum Ratings @ TA=25 oC Parameter Maximum Rating Unit Power Dissipation 100 mW Collector-Emitter Voltage 30 V Emitter-Collector Voltage 5 V Operating Temperature Range -55 oC to +100oC Storage Temperature Range -55 oC to +100oC Lead Soldering Temperature 260 oC for 5 seconds 02/04/2002 Package Dimensions Unity Opto Technology Co., Ltd. Notes : 1. Tolerance is ± 0.25mm (.010") unless otherwise noted . 2. Protruded resin under flange is 1.5 mm (.059") max 3. Lead spacing is measured where the leads emerge from the package. Unit: mm (inches ) 0.50 TYP (.020) 1.00 (.040) ψ3.00 (.118) 4.00 (.157) 0.80±0.50 (.032±.020) 2.54 (.100) 1.00MIN (.040) 23.40MIN (.920) 5.25 (.207) FLAT DENOTES COLLECTOR C E |
Similar Part No. - MID-30422 |
|
Similar Description - MID-30422 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |