Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRMK37TPK53 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLRMK37TPK53
Description  TOSHIBA LED Lamp InGaA?밣 Red Light Emission
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRMK37TPK53 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLRMK37TPK53 Datasheet HTML 1Page - Toshiba Semiconductor TLRMK37TPK53 Datasheet HTML 2Page - Toshiba Semiconductor TLRMK37TPK53 Datasheet HTML 3Page - Toshiba Semiconductor TLRMK37TPK53 Datasheet HTML 4Page - Toshiba Semiconductor TLRMK37TPK53 Datasheet HTML 5Page - Toshiba Semiconductor TLRMK37TPK53 Datasheet HTML 6Page - Toshiba Semiconductor TLRMK37TPK53 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLRMK37TP(
K53)
2009-10-16
3
IF – VF
Forward voltage VF (V)
100
1
1.6
50
10
5
3
1.8
2.0
2.2
2.4
2.6
2.8
30
Ta = 25°C
IV – Tc
Case temperature Tc (°C)
10
0.1
−20
1
0.5
0.3
0
20
40
60
80
5
3
IV – IF
Forward current IF (mA)
10
1
100
100
10000
3
5
30
50
500
1000
30000
3000
5000
300
Ta
= 25°C
Radiation Pattern
Ta = 25 °C
0
0.2
0.4
0.6
0.8
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
1.0
Relative Luminous Intensity
Wavelength
Wavelength λ (nm)
1.0
580
0.8
0.6
0.4
0.2
600
620
640
660
680
700
0


Similar Part No. - TLRMK37TPK53

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
More results

Similar Description - TLRMK37TPK53

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSH180P TOSHIBA-TLSH180P Datasheet
123Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
logo
Marktech Corporate
TLRMK31T MARKTECH-TLRMK31T Datasheet
173Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
logo
Toshiba Semiconductor
TLRH156P TOSHIBA-TLRH156P Datasheet
144Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLRMK37TP TOSHIBA-TLRMK37TP Datasheet
267Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLRMK16TAP TOSHIBA-TLRMK16TAP Datasheet
212Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLRMK16TAPTRK53 TOSHIBA-TLRMK16TAPTRK53 Datasheet
527Kb / 7P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
logo
Marktech Corporate
TLRMK31TP MARKTECH-TLRMK31TP Datasheet
158Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
logo
Toshiba Semiconductor
TLRH262 TOSHIBA-TLRH262 Datasheet
122Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLSH156P TOSHIBA-TLSH156P Datasheet
145Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLSU125 TOSHIBA-TLSU125 Datasheet
123Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com