Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC123JN3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # DTC123JN3
Description  NPN Digital Transistors (Built-in Resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC123JN3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  DTC123JN3 Datasheet HTML 1Page - Cystech Electonics Corp. DTC123JN3 Datasheet HTML 2Page - Cystech Electonics Corp. DTC123JN3 Datasheet HTML 3Page - Cystech Electonics Corp. DTC123JN3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C360N3
Issued Date : 2005.09.08
Revised Date :
Page No. : 1/4
DTC123JN3
CYStek Product Specification
NPN Digital Transistors (Built-in Resistors)
DTC123JN3
Features
• Built-in bias resistors enable the configuration of an inverter circuit without connecting external input
resistors (see equivalent circuit).
• The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the
input. They also have the advantage of almost completely eliminating parasitic effects.
• Only the on/off conditions need to be set for operation, making device design easy.
• Complements the DTA123JN3
• Pb-free package
Equivalent Circuit
Outline
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
50
V
Input Voltage
VIN
-5~+12
V
IO
100
mA
Output Current
IO(max.)
100
mA
Power Dissipation
Pd
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
SOT-23
DTC123JN3
R1=2.2k
Ω , R2=47 kΩ
IN(B) : Base
OUT(C) : Collector
GND(E) : Emitter


Similar Part No. - DTC123JN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTC123JN3 CYSTEKEC-DTC123JN3 Datasheet
250Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC123JN3 CYSTEKEC-DTC123JN3_11 Datasheet
250Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC123JN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTC143ZN3 CYSTEKEC-DTC143ZN3_10 Datasheet
256Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EY3 CYSTEKEC-DTC144EY3_15 Datasheet
435Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EC3 CYSTEKEC-DTC144EC3_15 Datasheet
424Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
   NPN Digital Transistors(Built-in Resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com