Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78L09XM3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # LM78L09XM3
Description  Low Current Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78L09XM3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LM78L09XM3 Datasheet HTML 1Page - Cystech Electonics Corp. LM78L09XM3 Datasheet HTML 2Page - Cystech Electonics Corp. LM78L09XM3 Datasheet HTML 3Page - Cystech Electonics Corp. LM78L09XM3 Datasheet HTML 4Page - Cystech Electonics Corp. LM78L09XM3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C518M3
Issued Date : 2003.04.02
Revised Date :2006.10.05
Page No. : 2/5
LM78L09XM3
CYStek Product Specification
Electrical Characteristics
Vin=15V, Io=40mA, Tj=25
°C Cin=0.33uF, Cout=0.1uF (unless otherwise noted)
LM78L09A
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
8.73
9
9.27
11.5V
≤Vin≤24V
1mA
≤Io≤40mA
8.55
9
9.45
Vo
Output Voltage
1mA
≤Io≤70mA
8.55
9
9.45
V
11.5V
≤Vin≤24V
-
-
200
ΔVo
Line Regulation
13V
≤Vin≤24V
-
-
150
mV
1mA
≤Io≤100mA
-
-
90
ΔVo
Load Regulation
1mA
≤Io≤40mA
-
-
45
mV
IQ
Quiescent Current
Ta=25
°C
-
-
5.5
mA
11.5V
≤Vin≤24V
-
-
1.5
ΔIQ
Quiescent Current
Change
1mA
≤Io≤40mA
-
0.1
mA
Vn
Output Noise Voltage
Ta=25
°C
-
70
-
uV
ΔVin / ΔVout Ripple Rejection
15V
≤Vin≤25V, f=120Hz
38
44
-
dB
Ipk
Peak Output Current
Ta=25
°C
-
140
-
mA
VD
Dropout Voltage
Ta=25
°C
-
1.7
-
V
LM78L09B
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
8.55
9
9.45
11.5V
≤Vin≤24V
1mA
≤Io≤40mA
8.55
9
9.45
Vo
Output Voltage
1mA
≤Io≤70mA
8.55
9
9.45
V
11.5V
≤Vin≤24V
-
-
200
ΔVo
Line Regulation
13V
≤Vin≤24V
-
-
150
mV
1mA
≤Io≤100mA
-
-
90
ΔVo
Load Regulation
1mA
≤Io≤40mA
-
-
45
mV
IQ
Quiescent Current
Ta=25
°C
-
-
5.5
mA
11.5V
≤Vin≤24V
-
-
1.5
ΔIQ
Quiescent Current
Change
1mA
≤Io≤40mA
-
0.1
mA
Vn
Output Noise Voltage
Ta=25
°C
-
70
-
uV
ΔVin / ΔVout Ripple Rejection
15V
≤Vin≤25V, f=120Hz
38
44
-
dB
Ipk
Peak Output Current
Ta=25
°C
-
140
-
mA
VD
Dropout Voltage
Ta=25
°C
-
1.7
-
V


Similar Part No. - LM78L09XM3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L09 NSC-LM78L09 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78L09 NSC-LM78L09 Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM78L09 HTC-LM78L09 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM78L09 KEXIN-LM78L09 Datasheet
55Kb / 2P
   Three-Terminal Positive Voltage Regulator
logo
Shenzhen Jin Yu Semicon...
LM78L09 HTSEMI-LM78L09 Datasheet
1Mb / 2P
   Three-terminal positive voltage regulator
More results

Similar Description - LM78L09XM3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09M3 CYSTEKEC-LM78L09M3 Datasheet
167Kb / 5P
   Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
LM78L08Q8 CYSTEKEC-LM78L08Q8 Datasheet
363Kb / 11P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com