Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1114-2.5M3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # LM1114-2.5M3
Description  Low Dropout CMOS Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114-2.5M3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  LM1114-2.5M3 Datasheet HTML 1Page - Cystech Electonics Corp. LM1114-2.5M3 Datasheet HTML 2Page - Cystech Electonics Corp. LM1114-2.5M3 Datasheet HTML 3Page - Cystech Electonics Corp. LM1114-2.5M3 Datasheet HTML 4Page - Cystech Electonics Corp. LM1114-2.5M3 Datasheet HTML 5Page - Cystech Electonics Corp. LM1114-2.5M3 Datasheet HTML 6Page - Cystech Electonics Corp. LM1114-2.5M3 Datasheet HTML 7Page - Cystech Electonics Corp. LM1114-2.5M3 Datasheet HTML 8Page - Cystech Electonics Corp. LM1114-2.5M3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C505M3
Issued Date : 2003.03.21
Revised Date : 2009.02.25
Page No. : 3/10
LM1114M3/N3/A3
CYStek Product Specification
Ordering Information
Device
Output Voltage
Package
Shipping
LM1114-2.5 A3
2.5V
TO-92
Tape & Box / 2K
LM1114-2.5 N3
2.5V
SOT-23
Tape & Reel / 3K
LM1114-2.5 M3
2.5V
SOT-89
Tape & Reel / 1K
LM1114-3.0 A3
3.0V
TO-92
Tape & Box / 2K
LM1114-3.0 N3
3.0V
SOT-23
Tape & Reel / 3K
LM1114-3.0 M3
3.0V
SOT-89
Tape & Reel / 1K
LM1114-3.3 A3
3.3V
TO-92
Tape & Box / 2K
LM1114-3.3 N3
3.3V
SOT-23
Tape & Reel / 3K
LM1114-3.3 M3
3.3V
SOT-89
Tape & Reel / 1K
LM1114-3.6A3
3.6V
TO-92
Tape & Box / 2K
LM1114-3.6N3
3.6V
SOT-23
Tape & Reel / 3K
LM1114-3.6M3
3.6V
SOT-89
Tape & Reel / 1K
LM1114-5.0 A3
5.0V
TO-92
Tape & Box / 2K
LM1114-5.0 N3
5.0V
SOT-23
Tape & Reel / 3K
LM1114-5.0 M3
5.0V
SOT-89
Tape & Reel / 1K
Electrical Characteristics @VIN=5V,Ta=25℃, CIN=1μF(tantalum),
COUT=1μF(tantalum), unless otherwise noted
LM1114-2.5
Parameter
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
Io=40mA,Vin=4V
2.450
2.500
2.550
V
1
Line Regulation △Vout/△VinVout
Io=40mA,4V<Vin<10V
-
0.2
0.3
%/V
1
Load Regulation
Vin=4V,1mA<Io<80mA
-
45
90
mV
1
Current Consumption
Vin=4V
-
2.0
4.5
μA
2
Io=80mA
-
0.18
0.36
V
1
Dropout Voltage
Io=160mA
-
0.4
0.7
V
1
LM1114-3.0
Parameter
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
Io=40mA,Vin=4.0V
2.940
3.000
3.060
V
1
Line Regulation △Vout/△VinVout
Io=40mA,4.0V<Vin<10V
-
0.2
0.3
%/V
1
Load Regulation
Vin=6V,1mA<Io<80mA
-
45
90
mV
1
Current Consumption
Vin=4.0V
-
1.0
2.9
μA
2
Io=80mA
-
0.18
0.36
V
1
Dropout Voltage
Io=160mA
-
0.4
0.7
V
1


Similar Part No. - LM1114-2.5M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1114-2.5M3-0-T2-G CYSTEKEC-LM1114-2.5M3-0-T2-G Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
More results

Similar Description - LM1114-2.5M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
   Low Dropout CMOS Voltage Regulators
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
LM1114BA3 CYSTEKEC-LM1114BA3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114BN3 CYSTEKEC-LM1114BN3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114M3 CYSTEKEC-LM1114M3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114A3 CYSTEKEC-LM1114A3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114M3B CYSTEKEC-LM1114M3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com