Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596-50F5 Datasheet(PDF) 11 Page - Cystech Electonics Corp.

Part # LM2596-50F5
Description  150kHz, 3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM2596-50F5 Datasheet(HTML) 11 Page - Cystech Electonics Corp.

Back Button LM2596-50F5 Datasheet HTML 4Page - Cystech Electonics Corp. LM2596-50F5 Datasheet HTML 5Page - Cystech Electonics Corp. LM2596-50F5 Datasheet HTML 6Page - Cystech Electonics Corp. LM2596-50F5 Datasheet HTML 7Page - Cystech Electonics Corp. LM2596-50F5 Datasheet HTML 8Page - Cystech Electonics Corp. LM2596-50F5 Datasheet HTML 9Page - Cystech Electonics Corp. LM2596-50F5 Datasheet HTML 10Page - Cystech Electonics Corp. LM2596-50F5 Datasheet HTML 11Page - Cystech Electonics Corp. LM2596-50F5 Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C548F5
Issued Date : 2007.12.11
Revised Date :
Page No. : 11/12
LM2596-XXE5/F5
CYStek Product Specification
TO-263-5L Dimension
Inches
Millimeters
Inches
Marking:
LM2596
□□□
□□□□
Date Code
3.3V→-33
Vout:
5.0V→-50
12V→-12
ADJ→
blank
Style: Pin 1.Vin 2.Vout 3.GND
4.Feedback 5.ON/OFF
5-Lead TO-263-5L Plastic Package
CYStek Package Code: F5
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.173
0.189
4.40
4.80
c2
0.049
0.057
1.25
1.45
b
0.026
0.036
0.66
0.91
L2
0.050 REF
1.27 REF
L4
0.000
0.012
0.00
0.30
D
0.339
0.354
8.60
9.00
c
0.014
0.020
0.36
0.50
e
0.067 REF
1.70 REF
L1
0.090
0.110
2.29
2.79
L
0.575
0.622
14.6
15.8
E
0.386
0.409
9.80
10.4
θ
Notes: 1.Controlling dimension :millimeter
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds


Similar Part No. - LM2596-50F5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
More results

Similar Description - LM2596-50F5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com