Electronic Components Datasheet Search |
|
LM1114-3.6N3 Datasheet(PDF) 9 Page - Cystech Electonics Corp. |
|
LM1114-3.6N3 Datasheet(HTML) 9 Page - Cystech Electonics Corp. |
9 / 10 page CYStech Electronics Corp. Spec. No. : C505M3 Issued Date : 2003.03.21 Revised Date : 2009.02.25 Page No. : 9/10 LM1114M3/N3/A3 CYStek Product Specification SOT-23 Dimension *: Typical Inches Millimeters Inches Millimeters DIM Min. H J K D A L G V C B 3 2 1 S Style: Pin 1. Vss 2.Vout 3.Vin 3-Lead SOT-23 Plastic Surface Mounted Package CYStek Package Code: N3 Marking: 114 Max. Min. Max. DIM Min. Max. Min. Max. A 0.1102 0.1204 2.80 3.04 J 0.0034 0.0070 0.085 0.177 B 0.0472 0.0630 1.20 1.60 K 0.0128 0.0266 0.32 0.67 C 0.0335 0.0512 0.89 1.30 L 0.0335 0.0453 0.85 1.15 D 0.0118 0.0197 0.30 0.50 S 0.0830 0.1083 2.10 2.75 G 0.0669 0.0910 1.70 2.30 V 0.0098 0.0256 0.25 0.65 H 0.0005 0.0040 0.013 0.10 Notes: 1.Dimension and tolerance based on our Spec. dated Feb. 18,2002. 2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local CYCtek sales office. Material: • Lead: 42 Alloy; solder plating • Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 |
Similar Part No. - LM1114-3.6N3 |
|
Similar Description - LM1114-3.6N3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |