Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF872C1S Datasheet(PDF) 1 Page - Marktech Corporate

Part # LSF872C1S
Description  Infrared Emitting Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LSF872C1S Datasheet(HTML) 1 Page - Marktech Corporate

  LSF872C1S Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LSF872C1S
Infrared Emitting Diode
2.ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25℃)
SYMBOL
MIN
TYP
MAX
UNIT
PO
14.0
17.0
20.0
mW
VF
1.55
2.0
V
IR
10
μ
A
λ
p
870
nm
Δλ
45
nm
θ
±25
deg.
Junction Capacitance
Cj
1MHz ,V=0V
50
pF
P/T
-0.3
%/℃
V/T
-2.1
mV/℃
Anode
Cathode
FEATURES
High-output Power
Compact
High Reliability
APPLICATIONS ・Optical Switches
Optical Sensors
1. ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
UNIT
IF
mA
IFP
A
VR
V
PD
mW
Topr
Tstg
Tj
Tls
*2:Time 5 Sec max,Position:Up to 3mm from the body
Peak Wavelength
Spectral Line Half Width
Half Intensity Beam Angle
Temp. Coefficient of PO
Temp. Coefficient of VF
I T E M
Power Output
Forward Voltage
Reverse Current
IF=10mA
IF=10mA
IF=50mA
IF=50mA
IF=50mA
CONDITIONS
IF=50mA
IF=50mA
VR=5V
I T E M
Forward Current (DC)
Forward Current (Pulse)*1
Reverse Voltage
Power Dissipation
Operating Temp.
Storage Temp.
Junction Temp.
5
100
-20 TO 85
-30 TO 100
RATINGS
Dimensions (Unit:mm)
60
0.5
100
260
Lead Soldering Temp.*2
*1:Tw=10uS,T=10mS
THERMAL DERATING CURVE
0
20
40
60
80
100
120
-30
0
306090
AMBIENT TEMPERATURE(℃)
FORWARD I-V CHARACTERISTICS
0
20
40
60
80
100
120
01
23
FORWARD VOLTAGE(V)
POWER OUTPUT vs TEMPERATURE
IF=10mA
0
20
40
60
80
100
120
140
-30
0
30
60
90
AMBIENT TEMPERATURE(℃)
SPECTRAL OUTPUT
0
20
40
60
80
100
120
770
870
970
WAVELENGTH(nm)
RADIATION PATTERN
0
20
40
60
80
100
120
-90
-60
-30
0
30
60
90
BEAM ANGLE(deg.)
RELATIVE POWER vs FORWARD
CURRENT
0
50
100
150
200
250
0
25
50
75
100
125
FORWARD CURRENT(mA)
FORWARD VOLTAGE vs
TEMPERATURE
IF=10mA
1
1.1
1.2
1.3
1.4
1.5
1.6
-30
0
30
60
90
AMBIENT TEMPERATURE(℃)
OPTRANS
2006/5/24
To purchase this part contact
Marktech Optoelectronics at
800.984.5337
Optoelectronics
www.marktechopto.com
Marktech


Similar Part No. - LSF872C1S

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LSF876C1 MARKTECH-LSF876C1 Datasheet
209Kb / 1P
   Infrared Emitting Diode
More results

Similar Description - LSF872C1S

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
   infrared emitting diode
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
   Infrared-Emitting Diode
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
   INFRARED EMITTING DIODE
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
   INFRARED EMITTING DIODE
MI33T MICRO-ELECTRONICS-MI33T Datasheet
95Kb / 3P
   INFRARED EMITTING DIODE
MI51TA-2 MICRO-ELECTRONICS-MI51TA-2 Datasheet
47Kb / 1P
   INFRARED EMITTING DIODE
MIB57T-J MICRO-ELECTRONICS-MIB57T-J Datasheet
85Kb / 2P
   INFRARED EMITTING DIODE
MIB57T-K MICRO-ELECTRONICS-MIB57T-K Datasheet
84Kb / 2P
   INFRARED EMITTING DIODE
logo
Sharp Corporation
GL710 SHARP-GL710 Datasheet
36Kb / 2P
   Infrared Emitting Diode
logo
Micro Electronics
MI31T MICRO-ELECTRONICS-MI31T Datasheet
79Kb / 2P
   INFRARED EMITTING DIODE
logo
Marktech Corporate
LS880PT MARKTECH-LS880PT Datasheet
140Kb / 1P
   Infrared Emitting Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com