Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCPC07071M3 Datasheet(PDF) 1 Page - Dubilier

Part # DBCPC07071M3
Description  AUDIO POWER CORD SETS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCPC07071M3 Datasheet(HTML) 1 Page - Dubilier

  DBCPC07071M3 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
164
ORDERING INFORMATION
DBC
PC
15
Dubilier
Connectors
Series
Power Cord
1st Connector
2nd Connector
02= IEC Straight Socket
04= IEC Straight Plug
07= European Plug RA
09= Telefunken (cassette) socket
15= UK Moulded Plug Fused
93= Unterminated Leads Stripped
93
2M
Length
0.5M=0.5 Metres
1M= 1Metre
etc
3
Colour
3= Black
RS24077
OUTLINE DRAWING
15.6
18.9
29.4
17.3
20.4
19.0
29.3
17.5
32
19
7.7
51.0
23.0
17.5
49.2
FUSE
Multiple Configurations Available
Any Cable Length Available (2 metres standard)
Colour Options
Competitive Prices
Moulded Connectors To Cable
Style 02 - IEC Straight Socket
Style 04 - IEC Straight Plug
Style 07 - European Plug Right Angle
Style 09 - Telefunken (cassette) socket
Style 15 - UK Moulded Plug, Fused
Length
Assembly
Cable:
Bare stranded copper conductor
Colour coded PVC insulation
PVC Jacketed
Rated Temperature: 70°C
Other connectors and colours available upon request
AUDIO
POWER CORD SETS


Similar Part No. - DBCPC07071M3

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC0902AG1 DUBILIER-DBCPHC0902AG1 Datasheet
101Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 1.27MM
DBCPHC0910AG1 DUBILIER-DBCPHC0910AG1 Datasheet
101Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 1.27MM
DBCPHC0920AG1 DUBILIER-DBCPHC0920AG1 Datasheet
101Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 1.27MM
DBCPHC0930AG1 DUBILIER-DBCPHC0930AG1 Datasheet
101Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 1.27MM
DBCPHC0940AG1 DUBILIER-DBCPHC0940AG1 Datasheet
101Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 1.27MM
More results

Similar Description - DBCPC07071M3

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
E601001 BELDEN-E601001 Datasheet
220Kb / 1P
   Cord Sets, DataTuff짰 Cat 6 IP20 RJ45 Cord Set, 1m
E500001 BELDEN-E500001 Datasheet
250Kb / 2P
   Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E502001 BELDEN-E502001 Datasheet
250Kb / 2P
   Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E506001 BELDEN-E506001 Datasheet
250Kb / 2P
   Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E507001 BELDEN-E507001 Datasheet
236Kb / 2P
   Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E501001 BELDEN-E501001 Datasheet
236Kb / 2P
   Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E600001 BELDEN-E600001 Datasheet
235Kb / 1P
   Cord Sets, DataTuff짰 Cat 6 IP67 RJ45 Cord Set, 1m
E503001 BELDEN-E503001 Datasheet
236Kb / 2P
   Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E508001 BELDEN-E508001 Datasheet
96Kb / 2P
   Cord Sets - DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set
E509001 BELDEN-E509001 Datasheet
96Kb / 2P
   Cord Sets - DataTuff짰 Cat 5e 600V AWM IP20 RJ45 Cord Set
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com