Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4450 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4450
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4450 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4450_09 Datasheet HTML 2Page - Maxim Integrated Products MAX4450_09 Datasheet HTML 3Page - Maxim Integrated Products MAX4450_09 Datasheet HTML 4Page - Maxim Integrated Products MAX4450_09 Datasheet HTML 5Page - Maxim Integrated Products MAX4450_09 Datasheet HTML 6Page - Maxim Integrated Products MAX4450_09 Datasheet HTML 7Page - Maxim Integrated Products MAX4450_09 Datasheet HTML 8Page - Maxim Integrated Products MAX4450_09 Datasheet HTML 9Page - Maxim Integrated Products MAX4450_09 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, VCM = +2.5V, AVCL = +1V/V, RF = 24
Ω, RL = 100Ω to VCC/2, TA = +25°C, unless otherwise noted.)
20ns/div
INPUT
1V/div
INPUT
1V/div
LARGE-SIGNAL PULSE RESPONSE
RF = 500
Ω
AVCL = +2V/V
1
10k
100
10
1k
100k
1M
10M
VOLTAGE NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
10
100
RL = 100
Ω
9
11
10
13
12
15
14
16
0
200
100
300
400
50
250
150
350
450 500
ISOLATION RESISTANCE
vs. CAPACITIVE LOAD
CLOAD (pF)
LARGE SIGNAL (VOUT = 2VP-P)
SMALL SIGNAL
(VOUT = 100mVP-P)
0
50
100
150
200
250
300
0200
100
300 400 500 600 700 800
SMALL-SIGNAL BANDWIDTH
vs. LOAD RESISTANCE
RLOAD (
Ω)
80
0
100
1k
10k
OPEN-LOOP GAIN vs. RESISTIVE LOAD
20
10
RLOAD (
Ω)
40
30
50
60
70
1
10k
100
10
1k
100k
1M
10M
CURRENT NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
10
100
RL = 100
Ω
MAX4451
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
-140
-80
-100
-120
-60
-40
-20
0
20
40
60
0.1M
1M
10M
100M
1G


Similar Part No. - MAX4450_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4450-MAX4451 MAXIM-MAX4450-MAX4451 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4450EUK-T MAXIM-MAX4450EUK-T Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4450EXK-T MAXIM-MAX4450EXK-T Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
More results

Similar Description - MAX4450_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com