Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4451 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4451
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4451 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4451 Datasheet HTML 3Page - Maxim Integrated Products MAX4451 Datasheet HTML 4Page - Maxim Integrated Products MAX4451 Datasheet HTML 5Page - Maxim Integrated Products MAX4451 Datasheet HTML 6Page - Maxim Integrated Products MAX4451 Datasheet HTML 7Page - Maxim Integrated Products MAX4451 Datasheet HTML 8Page - Maxim Integrated Products MAX4451 Datasheet HTML 9Page - Maxim Integrated Products MAX4451 Datasheet HTML 10Page - Maxim Integrated Products MAX4451 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Detailed Description
The MAX4450/MAX4451 are single-supply, rail-to-rail,
voltage-feedback amplifiers that employ current-feed-
back techniques to achieve 485V/µs slew rates and
210MHz bandwidths. Excellent harmonic distortion and
differential gain/phase performance make these ampli-
fiers an ideal choice for a wide variety of video and RF
signal-processing applications.
The output voltage swings to within 55mV of each sup-
ply rail. Local feedback around the output stage
ensures low open-loop output impedance to reduce
gain sensitivity to load variations. The input stage per-
mits common-mode voltages beyond the negative sup-
ply and to within 2.25V of the positive supply rail.
Applications Information
Choosing Resistor Values
Unity-Gain Configuration
The MAX4450/MAX4451 are internally compensated for
unity gain. When configured for unity gain, the devices
require a 24
Ω resistor (RF) in series with the feedback
path. This resistor improves AC response by reducing
the Q of the parallel LC circuit formed by the parasitic
feedback capacitance and inductance.
Inverting and Noninverting Configurations
Select the gain-setting feedback (RF) and input (RG)
resistor values to fit your application. Large resistor val-
ues increase voltage noise and interact with the amplifi-
er’s input and PC board capacitance. This can
generate undesirable poles and zeros and decrease
bandwidth or cause oscillations. For example, a nonin-
verting gain-of-two configuration (RF = RG) using 1k
Ω
resistors, combined with 1pF of amplifier input capaci-
tance and 1pF of PC board capacitance, causes a pole
at 159MHz. Since this pole is within the amplifier band-
width, it jeopardizes stability. Reducing the 1k
Ω resis-
tors to 100
Ω extends the pole frequency to 1.59GHz,
but could limit output swing by adding 200
Ω in parallel
with the amplifier’s load resistor. Table 1 lists suggest-
ed feedback and gain resistors, and bandwidths for
several gain values in the configurations shown in
Figures 1a and 1b.
Layout and Power-Supply Bypassing
These amplifiers operate from a single +4.5V to +11V
power supply or from dual ±2.25V to ±5.5V supplies. For
single-supply operation, bypass VCC to ground with a
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
7
Pin Description
PIN
OUT
VEE
IN+
INA-
OUTA
VCC
IN-
INB+
INB-
OUTB
INA+
4
2
1
8
5
6
7
3
1
Amplifier Output
2
Negative Power Supply
or Ground (in single-
supply operation)
3
Noninverting Input
Amplifier A Inverting
Input
Amplifier A Output
5
Positive Power Supply
4
Inverting Input
Amplifier B Noninverting
Input
Amplifier B Inverting
Input
Amplifier B Output
Amplifier A Noninverting
Input
IN
RG
VOUT = [1+ (RF / RG)] VIN
RF
RTO
RTIN
RO
VOUT
MAX445 _
Figure 1a. Noninverting Gain Configuration
IN
RG
VOUT = -(RF / RG) VIN
RF
RTO
RS
RTIN
RO
VOUT
MAX445 _
Figure 1b. Inverting Gain Configuration
FUNCTION
MAX4450
NAME
MAX4451


Similar Part No. - MAX4451

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4451 MAXIM-MAX4451 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4451EKA-T MAXIM-MAX4451EKA-T Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4451ESA MAXIM-MAX4451ESA Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
More results

Similar Description - MAX4451

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
logo
KOA Speer Electronics, ...
MAX4380EUT KOA-MAX4380EUT Datasheet
760Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com