Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4995A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4995A
Description  50mA to 600mA Programmable Current-Limit Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4995A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4995A Datasheet HTML 1Page - Maxim Integrated Products MAX4995A Datasheet HTML 2Page - Maxim Integrated Products MAX4995A Datasheet HTML 3Page - Maxim Integrated Products MAX4995A Datasheet HTML 4Page - Maxim Integrated Products MAX4995A Datasheet HTML 5Page - Maxim Integrated Products MAX4995A Datasheet HTML 6Page - Maxim Integrated Products MAX4995A Datasheet HTML 7Page - Maxim Integrated Products MAX4995A Datasheet HTML 8Page - Maxim Integrated Products MAX4995A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
50mA to 600mA Programmable
Current-Limit Switches
_______________________________________________________________________________________
3
Note 3: ILIM is forward current limit.
Note 4: Turn-on time and turn-off time are defined as the difference in the time between when the output crosses 10% and 90%
of the final output voltage.
Note 5: Blanking time and retry time are generated by the same oscillator. Therefore, the ratio of
is a constant value of 32. See Figures 2 and 3.
t
t
RETRY
BLANK
I
(mA)
2
R(k
2.48 k
LIM
SETI
=
+
9042( )
)(
)
V
ΩΩ
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +1.7V to +5.5V, RSETI = 94.3k
Ω, CIN = 1µF, and TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at VIN = +3.3V,
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FLAG OUTPUT
FLAG Output Logic-Low Voltage
ISINK = 1mA
0.4
V
FLAG Output Leakage Current
VIN = VFLAG = 5.5V, FLAG deasserted
1
μA
DYNAMIC
Turn-On Time
tSS
VIN = 3.3V, COUT = 1μF, RL = 20 , Figure 1,
(Note 4)
120
μs
Turn-Off Time
tOFF
Switch from on to off, VIN = 3.3V, COUT = 1μF,
RL = 20 , Figure 1 (Note 4)
120
μs
MAX4995A/AL/B/C
5
Current-Limit Reaction Time
tLIM
VIN = 3.3V, RSETI =
578k , output high and
then short-circuit
applied
MAX4995AF
1.5
μs
Blanking Time
tBLANK
(Note 5)
10
16.3
22.6
ms
Retry Time
tRETRY
MAX4995A/MAX4995AF/MAX4995AL (Note 5)
320
723.2
ms
THERMAL PROTECTION
Thermal Shutdown
+150
°C
Thermal-Shutdown Hysteresis
15
°C
tSS
10%
90%
10%
90%
tOFF
VOUT
Figure 1. Timing Diagram for Measuring Turn-On Time (tSS) and Turn-Off Time (tOFF).


Similar Part No. - MAX4995A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
MAX4995A MAXIM-MAX4995A Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A/AF/AL MAXIM-MAX4995A/AF/AL Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995AATA+T MAXIM-MAX4995AATA+T Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995AAUK+T MAXIM-MAX4995AAUK+T Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
More results

Similar Description - MAX4995A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A_09 Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A MAXIM-MAX4995A_V01 Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995A MAXIM-MAX4995A Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
logo
Linear Technology
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
   ??6V, 600mA Negative Linear Regulator with Programmable Current Limit
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4826 MAXIM-MAX4826_09 Datasheet
206Kb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
Rev 1; 8/09
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com