Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4995AFAVB+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4995AFAVB+T
Description  50mA to 600mA Programmable Current-Limit Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4995AFAVB+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4995AFAVB+T Datasheet HTML 3Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 4Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 5Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 6Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 7Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 8Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 9Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 10Page - Maxim Integrated Products MAX4995AFAVB+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
50mA to 600mA Programmable
Current-Limit Switches
_______________________________________________________________________________________
7
Pin Description
PIN (UTQFN)
PIN (TDFN-EP)
PIN (SOT23)
MAX4995AL
MAX4995_
MAX4995AL
MAX4995_
MAX4995AL
MAX4995_
NAME
FUNCTION
1, 10
1, 10
1, 2
1, 2
5
5
IN
Power Input. Bypass IN with a
1μF ceramic capacitor to ground.
Use higher capacitance to
prevent large load transients from
pulling down the supply voltage if
necessary. Connect both power
inputs (IN) together.
2
2
3
3
6
6
FLAG
Open-Drain, Overload Indicator
Output.
FLAG goes low when the
overload fault duration exceeds
the blanking time, reverse current
is detected, thermal shutdown
mode is active, or SETI is
connected to ground.
3
4
4
ON
Active-Low, Switch-On Input.
Drive
ON low to turn on the switch.
3
4
4
ON
Active-High, Switch-On Input.
Drive ON high to turn on the switch.
4
4
5
5
2
2
GND
Ground
5
5
6
6
3
3
SETI
Overload Current Limit Adjust.
Connect a resistor from SETI to
ground to program the
overcurrent limit. Do not connect
any capacitance larger than 20pF
to SETI.
Pin Configurations
35
10
8
IN
*( ) FOR THE MAX4995AL ONLY.
**EXPOSED PAD. CONNECT EP TO GND.
OUT
MAX4995A/MAX4995AF
MAX4995AL/MAX4995B
MAX4995C
4
9
N.C.
ON (ON)* GND
UTQFN
(1.4mm
×× 1.8mm)
TOP VIEWS
SETI
ON (ON)*
7
OUT
1
IN
6
N.C.
2
FLAG
MAX4995A/MAX4995AF
MAX4995AL/MAX4995B
MAX4995C
MAX4995A/MAX4995AF
MAX4995AL/MAX4995B
MAX4995C
SOT23
(1.6mm
× 2.9mm)
4
ON (ON)*
3
SETI
5IN
2
GND
6
FLAG
1
OUT
1
+
34
86
5
OUT
GND
2
7
N.C.
IN
FLAG
IN
TDFN
(2mm
× 2mm)
SETI
*EP


Similar Part No. - MAX4995AFAVB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995AFAVB+T MAXIM-MAX4995AFAVB+T Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
MAX4995AFAVB+T MAXIM-MAX4995AFAVB+T Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995AFAVB+T MAXIM-MAX4995AFAVB+T Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
More results

Similar Description - MAX4995AFAVB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A_09 Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A MAXIM-MAX4995A_V01 Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995A MAXIM-MAX4995A Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
logo
Linear Technology
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
   ??6V, 600mA Negative Linear Regulator with Programmable Current Limit
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4826 MAXIM-MAX4826_09 Datasheet
206Kb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
Rev 1; 8/09
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com