Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC5806Q8 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTC5806Q8
Description  N- AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC5806Q8 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTC5806Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTC5806Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTC5806Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTC5806Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTC5806Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTC5806Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTC5806Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTC5806Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTC5806Q8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C407Q8
Issued Date : 2008.12.02
Revised Date :
Page No. : 3/9
MTC5806Q8
CYStek Product Specification
P-Channel Electrical Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-55
-
-
V
VGS=0, ID=-250μA
VGS(th)
-1.0
-
-3.0
V
VDS=VGS, ID=-250μA
IGSS
-
-
±100
nA
VGS=±20V, VDS=0
-
-
-1
μA
VDS=-48V, VGS=0
IDSS
-
-
-10
μA
VDS=-40V, VGS=0, Tj=55
°C
-
70
90
ID=-3.5A, VGS=-10V
*RDS(ON)
-
100
135
m
Ω
ID=-3A, VGS=-4.5V
*GFS
-
9
-
S
VDS=-5V, ID=-3.5A
Dynamic
Ciss
-
630
-
Coss
-
81
-
Crss
-
33
-
pF
VDS=-30V, VGS=0, f=1MHz
*td(ON)
-
6
13
ns
*tr
-
8
18
*td(OFF)
-
17
31
*tf
-
11
20
ns
VDS=-30V, ID=-1A, VGS=-10V, RG=6Ω
*Qg
-
11
15
*Qgs
-
2.1
-
*Qgd
-
2.5
-
nC
VDS=-27V, ID=-3.5A, VGS=-10V
Source-Drain Diode
*VSD
-
-
-1.0
V
VGS=0V, IS=-1.3A
*IS
-
-
-1.3
*ISM
-
-
-2.6
A
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - MTC5806Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC5806AQ8 CYSTEKEC-MTC5806AQ8 Datasheet
379Kb / 12P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
MTC5806AQ8-J CYSTEKEC-MTC5806AQ8-J Datasheet
379Kb / 12P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8-0-T6-G CYSTEKEC-MTC5806V8-0-T6-G Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8-0-T6-G CYSTEKEC-MTC5806V8-0-T6-G Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results

Similar Description - MTC5806Q8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com