Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9789AETJ+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9789AETJ+
Description  Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9789AETJ+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9789AETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX9789AETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX9789AETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX9789AETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX9789AETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX9789AETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX9789AETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX9789AETJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX9789AETJ+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SPEAKER SHUTDOWN WAVEFORM
MAX9789 toc20
20ms/div
2V/div
5V/div
100mV/div
OUT_+ AND OUT_-
OUT_+ - OUT_-
SPKR_EN
Typical Operating Characteristics (continued)
(VDD = PVDD = CPVDD = HPVDD = LDO_EN = +5V, VGND = VPGND = VCPGND = VLDO_SET = 0V, C1 = C2 = CBIAS = CIN = 1µF. RL =
∞, unless otherwise specified, GAIN1 = 0, GAIN2 = 1 (AVSP = 10dB, AVHP = 3.5dB), measurement BW = 20kHz AES17, TA = +25°C,
unless otherwise noted. Headphone mode: SPKR_EN = 1, HP_EN = 0. Speaker mode: SPKR_EN = 0, HP_EN = 1.)
Windows Vista-Compliant, Stereo Class AB Speaker
Amplifiers and DirectDrive Headphone Amplifiers
8
_______________________________________________________________________________________
SPEAKER STARTUP WAVEFORM
MAX9789 toc18
20ms/div
2V/div
OUT_+ AND OUT_-
OUT_+ - OUT_-
5V/div
SPKR_EN
100mV/div
MAX9789A/MAX9789C/MAX9790A
SPEAKER STARTUP WAVEFORM
MAX9789 toc19
20ms/div
OUT_+ AND OUT_-
2V/div
OUT_+ - OUT_-
100mV/div
SPKR_EN
5V/div
MAX9789B/MAX9790B
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (Hz)
10k
1k
100
-105
-95
-85
-75
-65
-110
-100
-90
-80
-70
10
100k
FS = 0.300VRMS
RL = 32
Ω
VOUT = -3dB FS
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (Hz)
10k
1k
100
-105
-95
-85
-75
-65
-110
-100
-90
-80
-70
10
100k
HPVDD = 3V
FS = 0.300VRMS
RL = 32
Ω
VOUT = -3dB FS
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (Hz)
10k
1k
100
-105
-95
-85
-75
-65
-110
-100
-90
-80
-70
10
100k
FS = 0.300VRMS
RL = 16
Ω
VOUT = -3dB FS
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (Hz)
10k
1k
100
-105
-95
-85
-75
-65
-110
-100
-90
-80
-70
10
100k
HPVDD = 3V
FS = 0.300VRMS
RL = 16
Ω
VOUT = -3dB FS


Similar Part No. - MAX9789AETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9789AETJ++ MAXIM-MAX9789AETJ+ Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
More results

Similar Description - MAX9789AETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9791 MAXIM-MAX9791_V01 Datasheet
826Kb / 34P
   Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
19-4217; Rev 1; 6/10
MAX9791 MAXIM-MAX9791 Datasheet
630Kb / 30P
   Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
Rev 0; 11/08
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
   2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com