Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTN5N60FP Datasheet(PDF) 9 Page - Cystech Electonics Corp.

Part # MTN5N60FP
Description  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN5N60FP Datasheet(HTML) 9 Page - Cystech Electonics Corp.

  MTN5N60FP Datasheet HTML 1Page - Cystech Electonics Corp. MTN5N60FP Datasheet HTML 2Page - Cystech Electonics Corp. MTN5N60FP Datasheet HTML 3Page - Cystech Electonics Corp. MTN5N60FP Datasheet HTML 4Page - Cystech Electonics Corp. MTN5N60FP Datasheet HTML 5Page - Cystech Electonics Corp. MTN5N60FP Datasheet HTML 6Page - Cystech Electonics Corp. MTN5N60FP Datasheet HTML 7Page - Cystech Electonics Corp. MTN5N60FP Datasheet HTML 8Page - Cystech Electonics Corp. MTN5N60FP Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C408FP-A
Issued Date : 2009.04.20
Revised Date :
Page No. : 9/9
MTN5N60FP
CYStek Product Specification
TO-220FP Dimension
Inches
Millimeters
Inches
Millimeters
Style: Pin 1.Gate 2.Drain 3.Source
4.Drain
3-Lead TO-220FP Plastic Package
CYStek Package Code: FP
Marking:
5N60
□□□□
Date Code
Device
Name
DIM
Min.
Max.
DIM
Min.
Max.
Min.
Max.
Min.
Max.
A
0.169
0.185
4.300
4.700
D
0.392
0.408
9.960
10.360
A1
0.051 REF
1.300 REF
E
0.583
0.598
14.800
15.200
A2
0.110
0.126
2.800
3.200
e
0.100 TYP
2.540 TYP
A3
0.098
0.114
2.500
2.900
F
0.106 REF
2.700 REF
b
0.020
0.030
0.500
0.750
Φ
0.138 REF
3.500 REF
b1
0.043
0.053
1.100
1.350
L
1.102
1.118
28.000
28.400
b2
0.059
1.500
L1
0.067
0.075
1.700
1.900
0.069
1.750
c
0.020
0.030
0.500
0.750
L2
0.075
0.083
1.900
2.100
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: KFC ; pure tin plated
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - MTN5N60FP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN5N60E3 CYSTEKEC-MTN5N60E3 Datasheet
327Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTN5N60I3 CYSTEKEC-MTN5N60I3 Datasheet
336Kb / 11P
   N-Channel Enhancement Mode Power MOSFET
MTN5N60J3 CYSTEKEC-MTN5N60J3 Datasheet
356Kb / 11P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTN5N60FP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com