Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11048 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11048
Description  4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11048 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11048 Datasheet HTML 1Page - Maxim Integrated Products MAX11048 Datasheet HTML 2Page - Maxim Integrated Products MAX11048 Datasheet HTML 3Page - Maxim Integrated Products MAX11048 Datasheet HTML 4Page - Maxim Integrated Products MAX11048 Datasheet HTML 5Page - Maxim Integrated Products MAX11048 Datasheet HTML 6Page - Maxim Integrated Products MAX11048 Datasheet HTML 7Page - Maxim Integrated Products MAX11048 Datasheet HTML 8Page - Maxim Integrated Products MAX11048 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
4-/6-/8-Channel, 16-Bit,
Simultaneous-Sampling ADCs
_______________________________________________________________________________________
5
Typical Operating Characteristics
(AVDD = 5V, DVDD = 3.3V, TA = +25°C, fSAMPLE = 250ksps, internal reference, unless otherwise noted.)
INTEGRAL NONLINEARITY (INL)
vs. CODE
OUTPUT CODE (DECIMAL)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
VAVDD = 5.0V
VDVDD = 3.3V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
DIFFERENTIAL NONLINEARITY (DNL)
vs. CODE
OUTPUT CODE (DECIMAL)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
VAVDD = 5.0V, VDVDD = 3.3V, fSAMPLE = 250ksps
TA = +25°C, VRDC = 4.096V
INL AND DNL
vs. ANALOG SUPPLY VOLTAGE
MAX DNL
MIN DNL
MIN INL
VDVDD = 3.3V
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VAVDD (V)
5.15
5.05
4.95
4.85
-1.0
-0.5
0
1.0
0.5
1.5
-1.5
4.75
5.25
MAX INL
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 4.75V to 5.25V, DVDD = +2.7V to 5.25V, VAGNDS = VAGND = VDGND = 0V, VREFIO = internal reference, CRDC = 4 x 33μF,
CREFIO = 0.1μF, CAVDD = 4 x 0.1μF || 10μF, CDVDD = 3 x 0.1μF || 10μF; all digital inputs at DVDD or DGND, unless otherwise noted.
TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
5.15
5.05
4.95
4.85
4.75
5.25
27
29
31
33
35
37
25
VAVDD (V)
ANALOG SUPPLY CURRENT
vs. SUPPLY VOLTAGE
TA = +25°C
fSAMPLE = 250ksps
MAX11049
CONVERTING
MAX11048
CONVERTING
MAX11047 CONVERTING
MAX11049
STATIC
MAX11048
STATIC
MAX11047 STATIC
60
35
10
-15
-40
85
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
TEMPERATURE (°C)
INL AND DNL vs. TEMPERATURE
VAVDD = 5.0V
VDVDD = 3.3V
fSAMPLE = 250ksps
VRDC = 4.096V
MAX INL
MAX DNL
MIN INL
MIN DNL
Note 1: See the
Definitions section at the end of the data sheet.
Note 2: Guaranteed at 5V
≤ VAVDD ≤ 5.25V for+25°C ≤ TA ≤ +85°C. See the Input Range and Protection section and Typical
Operating Characteristics.
Note 3: TA = -40°C.
Note 4: Dynamic performance is guaranteed at AVDD = 5.0V to 5.25V. See the
Input Range and Protection section and the Typical
Operating Characteristics.
Note 5: Tested with alternating channels modulated at full scale and ground.
Note 6: See the
Input Range and Protection section.
Note 7: CLOAD= 30pF on DB0–DB15 and EOC. Inputs (CH0–CH7) alternate between full scale and zero scale. fCONV = 250ksps. All
data is read out.
Note 8: Defined as the change in positive full scale caused by a ±2% variation in the nominal supply voltage.
Note 9: It is recommended that
RD, WR, and CS are kept high for the quiet time (tQ) and conversion time (tCON).
Note 10: Guaranteed by design.


Similar Part No. - MAX11048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11048ECB++ MAXIM-MAX11048ECB+ Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11048ETN++ MAXIM-MAX11048ETN+ Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
More results

Similar Description - MAX11048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com